Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12ASX2 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 26Page - Infineon Technologies AG 12ASX2 Datasheet HTML 27Page - Infineon Technologies AG 12ASX2 Datasheet HTML 28Page - Infineon Technologies AG 12ASX2 Datasheet HTML 29Page - Infineon Technologies AG 12ASX2 Datasheet HTML 30Page - Infineon Technologies AG 12ASX2 Datasheet HTML 31Page - Infineon Technologies AG 12ASX2 Datasheet HTML 32Page - Infineon Technologies AG 12ASX2 Datasheet HTML 33Page - Infineon Technologies AG 12ASX2 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
30
Rev. 3.1, 2015-07-30
Hardware Description
2.4.4.5
Protocol Description
2.4.4.5.1
Command Catalog
Table 2-3 gives an overview of the command catalog supported by the device. The full description of the
commands and of the corresponding request and answer messages is provided in the following sections.
An overview of the commands is given Figure 2-10.
Figure 2-10 SPI Commands Overview
2.4.4.5.2
Word Convention
In order to simplify the description of the SPI commands, the following conventions are used (Table 2-4).
Table 2-3
SPI Command Catalog
Acronym
Short Description
Valid in Mode
ENTER_CMODE
Enters into Configuration Mode.
OPM0, OPM1
ENTER_VMODE
Enters into Verification Mode.
OPM2
EXIT_CMODE
Leaves Configuration Mode to enter into Configured Mode.
OPM2
READ
Reads the register value at the specified address.
All
NOP
Triggers no action in the device (equivalent to a “nop”).
All
WRITEH
Update the most significant byte of the internal write buffer.
All
WRITEL
Updates the least significant byte of the internal write buffer, and
copies the contents of the complete buffer into the addressed
register. The write buffer is cleared afterwards.
All (with restrictions)
Table 2-4
Word Convention
Acronym
Value
Va(REGISTER)
Value of register REGISTER
P
B
Parity Bit
Message
P
ENTER_CMODE
000
11
000
1
0000000
ENTER_VMODE
000
1
000
1
0
1
000000
EXIT_CMODE
000
1
00
1
000
1
00000
NOP
000
1
0
1
00000
1
0000
READ
0000
A4
A3
A2
A1
A0
0
1
0
1
0
1
X
WRITEH
0
1
000
1
0
D15
D14
D13
D12
D11
D10
D9
D8
X
WRITEL
1
0
1
0
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
X
Data
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com