Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12ASX2 Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 72Page - Infineon Technologies AG 12ASX2 Datasheet HTML 73Page - Infineon Technologies AG 12ASX2 Datasheet HTML 74Page - Infineon Technologies AG 12ASX2 Datasheet HTML 75Page - Infineon Technologies AG 12ASX2 Datasheet HTML 76Page - Infineon Technologies AG 12ASX2 Datasheet HTML 77Page - Infineon Technologies AG 12ASX2 Datasheet HTML 78Page - Infineon Technologies AG 12ASX2 Datasheet HTML 79Page - Infineon Technologies AG 12ASX2 Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Protection and Diagnostics
Datasheet
76
Rev. 3.1, 2015-07-30
Hardware Description
3.5.3
DESAT Supervision Level 1
The DESAT Supervision Level 1 functionality is summarized in Table 3-14:
The purpose of the DESAT Supervision Level 1 function is to verify that the DESAT feature is operational over the
whole life time of the application. Since the DESAT supervision is intrusive, it is intended to be executed when the
device is in Mode OPM5 and OPM6 (e.g. after power-up during the initialization phase). This mechanism aims at
generating artificially a DESAT error, verifying that it is recognized by the device and that an error notification is
correctly issued to the primary logic.
When this function is triggered, the driver enters a special mode where the signal input of the comparator is
internally pulled up above the threshold voltage (see Figure 3-1). The DESAT function works normally otherwise.
When the device enters OPM6 and turns on, after the blanking time has elapsed, a DESAT error is generated,
with the corresponding actions being triggered by the device.
The INP signal is issued at the output stage (weak turn-on).
3.5.4
DESAT Supervision Level 2
The DESAT Supervision Level 2 functionality is summarized in Table 3-15:
The purpose of the DESAT Supervision Level 2 function is to verify that the DESAT feature is operational over the
whole life time of the application. Since the DESAT supervision is intrusive, it is intended to be executed when the
device is in Mode OPM5 and OPM6 (e.g. after power-up during the initialization phase). This mechanism aims at
generating artificially a DESAT error, verifying that it is recognized by the device and that an error notification is
correctly issued to the primary logic.
When this function is triggered, the driver enters a special mode where, as soon as the device is in OPM6 and a
PWM turn-on command is received, no action is executed on the output stage. However, the DESAT logic works
normally. It means that after the blanking time has elapsed, the voltage on pin DESAT should exceed the DESAT
threshold level, leading to a DESAT error, with the corresponding actions being triggered by the driver.
The INP signal is not issued at the output stage.
Table 3-14 DESAT Supervision Level 1 Overview
Parameter
Short Description
Function
Supervision of the DESAT functionality.
Periodicity
On request.
Action in case of failure event
N.a.
Programmability
No
In-System Testability
No
Table 3-15 DESAT Supervision Level 2 Overview
Parameter
Short Description
Function
Supervision of the DESAT functionality.
Periodicity
On request.
Action in case of failure event
N.a.
Programmability
No
In-System Testability
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com