| Electronic Components Datasheet Search |
|
12ASX2 Datasheet(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
12ASX2 Datasheet(HTML) 22 Page - Infineon Technologies AG |
|
22 / 147 page ![]() EiceDRIVER ™ SIL 1EDI2002AS Functional Description Datasheet 22 Rev. 3.1, 2015-07-30 Hardware Description 2.4.3 PWM Input Stage The PWM input stage generates from the external signals INP, INSTP and EN/FEN the turn-on and turn-off commands to the secondary side. The general structure of the PWM input block is shown Figure 2-3. Figure 2-3 PWM Input Stage Signals INP, INSTP and EN/FEN are pseudo-differential, in the sense that they are not referenced to the common ground GND1 but to signal REF0. This is intended to make the device more robust against ground bouncing effects. Note: Glitches shorter than t INPR1occurring at signal INP are filtered internally. Note: Pulses at INP below t INPPD might be distorted or suppressed. The 1EDI2002AS supports non-inverted PWM signals only. When a High level on pin INP is detected while signals INSTP and EN/FEN are valid, a turn-on command is issued to the secondary chip. A Low level at pin INP issues a turn-off command to the secondary chip. Signal EN/FEN can inhibit turn-on commands received at pin INP. A valid signal EN/FEN is required in order to have turn-on commands issued to the secondary chip. If an invalid signal is provided, the PWM input stage issues constantly turn-off commands to the secondary chip. The functionality of signal EN/FEN is detailed in Chapter 2.4.8. Note: After an invalid-to valid-transition of signal EN/FEN, a minimum delay of t INPEN should be inserted before turning INP on. As shown in Figure 2-4, signal INSTP provides a Shoot-Through Protection (STP) to the system. When signal at pin INSTP is at High level, the internal signal inhibit_act is activated. The inhibition time is defined as the pulse duration of signal inhibit_act. It corresponds to the pulse duration of signal INSTP to which a minimum dead time is added. During the inhibition time, rising edges of signal INP are inhibited. Bit PSTAT2.STP is set for the duration of the inhibition time. The deadtime is programmable with bit field PCFG2.STPDEL. REF0 VCC1 INP INSTP EN pwm_cmd en_valid inhibit _act. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |