Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12ASX2 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 13Page - Infineon Technologies AG 12ASX2 Datasheet HTML 14Page - Infineon Technologies AG 12ASX2 Datasheet HTML 15Page - Infineon Technologies AG 12ASX2 Datasheet HTML 16Page - Infineon Technologies AG 12ASX2 Datasheet HTML 17Page - Infineon Technologies AG 12ASX2 Datasheet HTML 18Page - Infineon Technologies AG 12ASX2 Datasheet HTML 19Page - Infineon Technologies AG 12ASX2 Datasheet HTML 20Page - Infineon Technologies AG 12ASX2 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
17
Rev. 3.1, 2015-07-30
Hardware Description
NCS
Chip Select input for the SPI interface. This signal is low active. An internal weak pull-up device to V
CC1 drives this
input to High state in case the pin is floating.
IREF1
Reference input of the primary chip. This pin shall be connected to V
GND1 via an external resistor.
NRST/RDY
Open drain reset input. This signal is low-active. When a valid signal is received on this pin, the device is brought
in its default state. This signal is also used as a “ready notification”. A high level on this pin indicates that the
primary chip is functional.
DOUT
Enhanced DESAT functionality comparator status output. This signal allows real-time monitoring of the IGBT
state.
DIO1
I/O for the digital channel. Depending of the chosen configuration of the device, this pin can be an input or an
output (push-pull). An internal weak pull-down resistor to V
GND1 drives this input to Low state in case the pin is
floating.
2.2.2.2
Secondary Side
VEE2
Negative power supply for the secondary side, referring to V
GND2.
VCC2
Positive power supply for the secondary side, referring to V
GND2.
GND2
Reference ground for the secondary side.
DESAT
Desaturation Protection input pin. The function associated with this pin monitors the V
CE voltage of the IGBT. The
detection threshold is programmable. An internal pull-up resistor to V
CC2 drives this signal to High level in case it
is floating.
OCP
Over Current Protection input pin. The function associated with this pin monitors the voltage across a sensing
resistance located on the auxiliary path of a Current Sense IGBT. An internal weak pull-up resistor to the internal
5V reference drives this input to High state in case the pin is floating.
OCPG
Over Current Protection Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com