Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12ASX2 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # 12ASX2
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

12ASX2 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button 12ASX2 Datasheet HTML 35Page - Infineon Technologies AG 12ASX2 Datasheet HTML 36Page - Infineon Technologies AG 12ASX2 Datasheet HTML 37Page - Infineon Technologies AG 12ASX2 Datasheet HTML 38Page - Infineon Technologies AG 12ASX2 Datasheet HTML 39Page - Infineon Technologies AG 12ASX2 Datasheet HTML 40Page - Infineon Technologies AG 12ASX2 Datasheet HTML 41Page - Infineon Technologies AG 12ASX2 Datasheet HTML 42Page - Infineon Technologies AG 12ASX2 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
39
Rev. 3.1, 2015-07-30
Hardware Description
2.4.5.6
Debug Mode
The DEBUG pin gives the possibility to operate the device in the so-called Debug Mode. The goal of the Debug
Mode is to operate the device without SPI interface. This mode should be used for development purpose only and
is not intended to be used in final applications.
At V
CC2 power-on, the level at pin DEBUG is latched. In case a High level is detected, the device enters the Debug
Mode. Bit SSTAT.DBG is then set.
In Debug Mode, the regular operation of the internal state machine is modified, so that the device can only enter
OPM3 or OPM4. As a result Modes OPM0, OPM1, OPM2, OPM5 and OPM6 are completely bypassed. In case
of a Reset event, the device goes to OPM3 (instead of OPM0). Besides, in Debug Mode, events leading normally
to an Event Class B are replaced an Event Class A, resulting in the activation of signal NFLTA. Event Class B are
therefore not generated by the device in Debug Mode (and signal NFLTB shall not be used).
It should be noted that the configuration of the device in Debug Mode corresponds to the default settings and can
not be changed (for example, the DESAT function is completely deactivated).
In Debug Mode, the operation of the device is otherwise similar to regular operation. It means in particular that the
signal EN/FEN has to be managed properly: when the device is in OPM3, a Low to High level transition has to be
applied to the device in order to enter OPM4 (Active Mode).
Note: Once it has been latched at power-on, the level on the pin DEBUG has no impact on the device until the next
power-on event on the secondary side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com