Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC01 Datasheet(PDF) 3 Page - Micropac Industries

Part # IPC01
Description  Industrial Power Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

IPC01 Datasheet(HTML) 3 Page - Micropac Industries

  IPC01 Datasheet HTML 1Page - Micropac Industries IPC01 Datasheet HTML 2Page - Micropac Industries IPC01 Datasheet HTML 3Page - Micropac Industries IPC01 Datasheet HTML 4Page - Micropac Industries IPC01 Datasheet HTML 5Page - Micropac Industries IPC01 Datasheet HTML 6Page - Micropac Industries IPC01 Datasheet HTML 7Page - Micropac Industries IPC01 Datasheet HTML 8Page - Micropac Industries IPC01 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BY MICROPAC
TM
Industrial Power Controller
Micropac Industries
cannot assume any responsibility for any circuits shown, or represent that they are free from patent infringement.
Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Micropac Industries, Inc.
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
©March 2013
www.micropac.com
E-MAIL:
microsales@micropac.com 12/18/2013 Rev G
Pg. 3 of 9
DC ELECTRICAL OUTPUT CHARACTERISTICS:
TC = -40 to 80° C
1. Transient overvoltage exceeding this voltage may result in damage to the device.
2. Steady state trip current is between 120% and 160% of rated current. See Figures 3 and 4.
3. I
2t trip current is time dependent. See Figures 3 and 4.
4. Output current measured from fault onset to 10% rated load.
5. “ON” command period is 1 sec minimum with a duty cycle of 10%.
6. Inductive loads must be suppressed. Fault shutdown can be ≤ 5µs.
7. Output of 10 to 90% / 90 to 10%.
Description
Units
Device
75VDC / 10A
400VDC / 5A
Rated Operating Voltage
V
0 – 75
0 - 400
Transient Overvoltage
1
VPEAK
95
475
Current Rating
A
10
5
Interrupt Current Rating
2,6
%
120
160
Turn-On/Turn-Off Time
5,7
mSec
6
6
Turn- On/Turn-Off Delay
5
mSec
10
10
Trip Shutdown Time
3,4
µSec
35
35
Maximum Off-State Leakage @ Rated Voltage
µA
500
500
Maximum On-State Voltage Drop @ Rated Current
V
0.75
0.75
Maximum On-State Resistance @ Rated Current
Ohms
0.08
0.16



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com