Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC01 Datasheet(PDF) 4 Page - Micropac Industries

Part # IPC01
Description  Industrial Power Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

IPC01 Datasheet(HTML) 4 Page - Micropac Industries

  IPC01 Datasheet HTML 1Page - Micropac Industries IPC01 Datasheet HTML 2Page - Micropac Industries IPC01 Datasheet HTML 3Page - Micropac Industries IPC01 Datasheet HTML 4Page - Micropac Industries IPC01 Datasheet HTML 5Page - Micropac Industries IPC01 Datasheet HTML 6Page - Micropac Industries IPC01 Datasheet HTML 7Page - Micropac Industries IPC01 Datasheet HTML 8Page - Micropac Industries IPC01 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BY MICROPAC
TM
Industrial Power Controller
Micropac Industries
cannot assume any responsibility for any circuits shown, or represent that they are free from patent infringement.
Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Micropac Industries, Inc.
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
©March 2013
www.micropac.com
E-MAIL:
microsales@micropac.com 12/18/2013 Rev G
Pg. 4 of 9
AC AND DC CHARACTERISTICS:
TC = -40 to 80° C
Description
Units
AC and DC Devices
Maximum Bias supply, VDD
VDC
32
Maximum Bias current
mA
35
Maximum Control voltage range
1 (CMOS Configuration)
VDC
-0.5 to ≤ VDD
Minimum Turn-on voltage (VIH)
2
VDC
3.9
Maximum Turn-off voltage (VIL)
2
VDC
2.0
Trip Reset Time
3
Seconds
100
Status Supply Voltage (open Collector)
VDC
32
Status off leakage current
µADC
4
Status on voltage
VDC
0.4
Junction temperature
ºC
150
Thermal resistance,
JC
ºC/W
5
Output Capacitance
pF
3,000
Input to Output Capacitance
pF
25
1. Input transitions should be “bounce-less contact” with transitions of <1 msec.
2. TTL Logic may require a pull-up resistor to ensure a “high” input condition.
3. The IPC has load current memory. A period of 100 seconds between an overload, or shorted load restart allows for full
current startup.
Table 1: Short circuit and Status Sequence
Shorted at Turn On
Shorted while On
Input
Control
0
1
1
0
1
1
1
1
0
1
Load
Current
0
0
0
0
1
1
0
0
0
1
Switch
Status
0
0
0
0
1
1
0
0
0
1
Output
Short
Applied
Short
Applied
Short
Removed
Load
Load
Load
Short
Applied
Short
Removed
Load
Load
Notes:
1. Unit Powers up in the OFF condition with application of VDD . However, it is highly recommended that Control be
held low (Off) during the initiation of Power to ensure there is no transient reset / start signaling.
2. Fault Status reports only when VDD is present.
3. An OFF Control to ON Control transition is required to first turn the Unit On.
4. A loss of VDD will return the output state to OFF.
5. Truth Table Power sequencing: Output Status open collector pull-up resistor is assigned a separate and always on
voltage producing a “1” when “Open”.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com