Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC01 Datasheet(PDF) 8 Page - Micropac Industries

Part # IPC01
Description  Industrial Power Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

IPC01 Datasheet(HTML) 8 Page - Micropac Industries

  IPC01 Datasheet HTML 1Page - Micropac Industries IPC01 Datasheet HTML 2Page - Micropac Industries IPC01 Datasheet HTML 3Page - Micropac Industries IPC01 Datasheet HTML 4Page - Micropac Industries IPC01 Datasheet HTML 5Page - Micropac Industries IPC01 Datasheet HTML 6Page - Micropac Industries IPC01 Datasheet HTML 7Page - Micropac Industries IPC01 Datasheet HTML 8Page - Micropac Industries IPC01 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BY MICROPAC
TM
Industrial Power Controller
Micropac Industries
cannot assume any responsibility for any circuits shown, or represent that they are free from patent infringement.
Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Micropac Industries, Inc.
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
©March 2013
www.micropac.com
E-MAIL:
microsales@micropac.com 12/18/2013 Rev G
Pg. 8 of 9
ISOLATION
GND
VDD
3
1
6
2
4
5
TRIP
STATUS
CONTROL
CENTRAL
DIGITAL
CONTROL
UNIT
I²t
&
OVERCURRENT
PROTECTION
CIRCUIT
TRANSFORMER
ISOLATED
CONTROL
CIRCUIT
OPTOCOUPLER
OPTOCOUPLER
LOW SIDE
SWITCH
DC or AC
BUS V+
LOAD
6
5
DC
CIRCUIT
SNUBBER
DC
CIRCUIT
SNUBBER
LOAD
HIGH SIDE
SWITCH
6
5
DC or AC
BUS V+
FIGURE 5: Block Diagram and Function.
High side (5) or low side (6) switch connections are facilitated by full isolation between Input Logic, Base Plate and Output
Switch Connects.
Logic level Control input circuit drives an Opto-Coupler across the isolation to the switch circuits and a second Opto-Coupler
returns a signal for the Open-collector Status Output. Control (4), Status (1), VDD Input Power 5-32VDC (2) and GND (3)
make up the Input isolation group.
A filtered DC to DC converter is driven from the input VDD to power the secondary side circuits.
The Output circuit consists of Output MOSFETs connected at their sources through a current sense resistor and their Drains
offered as the output switch.
In the DC version, the sense resistor is monitored by the I
2t detection circuit. A Fault Latch receives inputs from the I2t
detection circuit, the power supply and the control Opto-Coupler. Based on these inputs the Gates of the output MOSFETs
are controlled. The Fault Latch also provides the Status signal.
In the AC version, an absolute amplifier rectifies the output current (voltage) of the sense resistor by the I
2t detection circuit.
As in the case of the DC version, a Fault Latch receives inputs from the I
2t detection circuit, the power supply and the control
Opto-Coupler. Based on these inputs the Gates of the output MOSFETs are controlled. The Fault Latch also provides the
Status signal.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com