Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC01 Datasheet(PDF) 2 Page - Micropac Industries

Part # IPC01
Description  Industrial Power Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

IPC01 Datasheet(HTML) 2 Page - Micropac Industries

  IPC01 Datasheet HTML 1Page - Micropac Industries IPC01 Datasheet HTML 2Page - Micropac Industries IPC01 Datasheet HTML 3Page - Micropac Industries IPC01 Datasheet HTML 4Page - Micropac Industries IPC01 Datasheet HTML 5Page - Micropac Industries IPC01 Datasheet HTML 6Page - Micropac Industries IPC01 Datasheet HTML 7Page - Micropac Industries IPC01 Datasheet HTML 8Page - Micropac Industries IPC01 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BY MICROPAC
TM
Industrial Power Controller
Micropac Industries
cannot assume any responsibility for any circuits shown, or represent that they are free from patent infringement.
Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Micropac Industries, Inc.
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
©March 2013
www.micropac.com
E-MAIL:
microsales@micropac.com 12/18/2013 Rev G
Pg. 2 of 9
ABSOLUTE MAXIMUM RATINGS
1. External snubbing may be required for Power Controller protection.
2. Reversing output polarity on DC units may cause permanent damage.
3. The I
2t circuit breaker function terminates AC overloads and fault currents per Figures 1 or 2 and
DC overloads and fault currents per Figures 3 or 4.
AC ELECTRICAL OUTPUT CHARACTERISTICS:
TC = -40 to 80° C
Description
1
Units
Device
40VAC / 10A
280VAC / 5A
Rated Operating Voltage
VRMS
0 – 40
0 - 280
Overvoltage (Maximum)
VRMS
45
310
Transients (Maximum)
VPEAK
64
424
Operating Frequency
Hz
50 – 450
50 - 450
Current Rating
ARMS
10
5
Interrupt Current Rating
2,3
APEAK
100
50
Turn-On / Turn-Off Time
4
mSec
8
8
Turn-On / Turn-Off Delay
6
mSec
12
12
Trip Shutdown Time
3,5
µSec
35
35
Maximum Off-State Leakage @ Rated Voltage
µA
500
500
Maximum On-State Voltage Drop @ Rated Current
VRMS
0.75
0.75
Maximum On-State Resistance @ Rated Current
Ohms
0.15
0.30
1. This is not a “zero crossing Turn-On” IPC. Turn-On at other than zero-crossing will experience a “soft-start” voltage
and current equal to the typical Turn-On Rise Time of 8msec. At 60 Hz this is ½ sin of the normal voltage rise and is
2.5 cycles for 400 Hz.
2. Steady state trip current is between 120% and 160% of rated current. See Figures 1 and 2.
3. I
2t trip current is time dependent. See Figures 1 and 2.
4. Output of 10 to 90% / 90 to 10%.
5. Output current measured from fault onset to 10% rated load.
6. “ON” command period is 1 sec minimum with a duty cycle of 10%.
Description
DC IPC
AC IPC
Isolation Voltage
1,500 VDC
1,500VDC
Load Voltage
75 / 400V VDC
1,2
40 / 280VAC RMS
Load Current
Less Than 8 Times Rated Operating
Current / Self Protecting
3
Self Protecting to MIL-STD-1760E
3
Bias supply voltage, VDD
-0.6 to 32 VDC
-0.6 to 32 VDC
Control Voltage
1 Volt above VDD / 1 Volt below Return 1 Volt above VDD / 1 Volt below Return
Operating Temperature, Case
-40ºC to +80ºC
-40ºC to +80ºC
Storage Temperature
-55ºC to +85ºC
-55ºC to +85ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com