Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC01 Datasheet(PDF) 1 Page - Micropac Industries

Part # IPC01
Description  Industrial Power Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

IPC01 Datasheet(HTML) 1 Page - Micropac Industries

  IPC01 Datasheet HTML 1Page - Micropac Industries IPC01 Datasheet HTML 2Page - Micropac Industries IPC01 Datasheet HTML 3Page - Micropac Industries IPC01 Datasheet HTML 4Page - Micropac Industries IPC01 Datasheet HTML 5Page - Micropac Industries IPC01 Datasheet HTML 6Page - Micropac Industries IPC01 Datasheet HTML 7Page - Micropac Industries IPC01 Datasheet HTML 8Page - Micropac Industries IPC01 Datasheet HTML 9Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Micropac Industries
cannot assume any responsibility for any circuits shown, or represent that they are free from patent infringement.
Micropac
reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Micropac Industries, Inc.
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL:
microsales@micropac.com
12/18/2013 Rev
G
©March 2013
Pg. 1 of 9
IPC01
SERIES
BY MICROPAC
TM
Industrial Power Controller
IPC01 AC and DC ISOLATED OUTPUT
Micropac
Features:
UL508 and CSA C22.2 NO. 14-10 Recognized, (File number E354703)
Patent Pending – Power Control, Monitoring, and Load Protection
All solid-state circuitry, with no moving parts to wear, ensures a long life.
Soft start for reduced EMI.
High efficiency with less than 0.8V drop at full load.
Compact panel mount “Hockey Puck” style package.
No Output current de-rating is required for base plate temperatures of -40ºC to +80ºC.
SPST, normally open power controller.
UL94V-0 approved clear IP20 touch safe protection cover.
MIL-STD-704A through E and MIL-STD-1760E I2t compliant.
TTL / CMOS compatible Switch Status.
AC devices designed for inductive load power factors to 0.75.
AC devices designed with integrated load switching transient suppression.
Description:
The IPC combines both relay and circuit breaker functions.
The Isolated IPC is mechanically similar to the standardized
industrial Solid State Relay. The functions include Soft Start
load switching, I2t overload / fault
protection that provides
circuit breaker function to MIL-STD-1760E and load status
signaling indicating switch output conditions of ON, OFF and
Overload.
Inductive and optical coupling between the input circuits and
output provides isolation of 1,500 VRMS. Power MOSFET
output switches provide soft start and low ON voltage drop for
improved thermal characteristics. The input Control logic
operates from a VDD of 5 to 32VDC. (See Figure 5)
Output current is monitored to control outputs during over-
current conditions (see the I2t trip curves). Over-current
conditions include Over-Load and Shorted Output during Turn-
On. Open-collector Output Status indicates the state of the
Output Switch MOSFET load driver. The output remains OFF
until the short is removed and the unit’s control line is toggled
OFF and back ON. Locking the output OFF on an error
condition prevents damage to the controller and further system
damage caused by the short circuit. Output Status is an Active
Low (Open Collector) for Controller OFF or Tripped conditions
and High (pull up resistor) for a normally ON output state.
The IPC is designed for rated current over a Baseplate
Temperature Range of -40ºC to +85ºC. This includes the
operations of Soft Start at Command ON and Trip OFF on Over
Load or Fault Conditions.
Applications:
 Aerospace Ground Support Equipment.
 Industrial and Commercial Lighting Systems.
 Commercial Test Equipment.
 Manufacturing Equipment.
 Energy Exploration Systems and Equipment.
 Communications Systems and Plants.
 Aircraft and Avionics Systems.
 Automation Equipment.
 Fabrication Equipment.
 Vending Machines.
 Selective Power Distribution.
 Laboratory Test Systems.
 Food Processing.


Similar Part No. - IPC01

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0100 PROTOADVANTAGE-IPC0100 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.65 mm pitch, 6.0 x 6.0 mm body, 4.0 x 4.0 mm pad)
revision 1.0
IPC0101 PROTOADVANTAGE-IPC0101 Datasheet
44Kb / 2P
QFN-56 to DIP-60 SMT Adapter (0.4 mm pitch, 5.0 x 9.0 mm body, 3.45 x 7.13 mm pad)
revision 1.0
IPC0102 PROTOADVANTAGE-IPC0102 Datasheet
44Kb / 2P
QFN-20 to DIP-20 SMT Adapter (0.4 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0103 PROTOADVANTAGE-IPC0103 Datasheet
44Kb / 2P
LGA-10 to DIP-10 SMT Adapter (3.0 x 5.0 mm body)
revision 1.0
IPC0104 PROTOADVANTAGE-IPC0104 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 2.0 mm body)
revision 1.0
More results

Similar Description - IPC01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1121L ADVANTECH-EKI-1121L Datasheet
357Kb / 1P
1-port RISC-based Industrial Communication Controller
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
Industrial Power Supplies
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
logo
Infineon Technologies A...
ILD1151 INFINEON-ILD1151 Datasheet
1Mb / 42P
Multitopology High Power LED DC/DC Controller for Industrial Applications
Rev. 1.1, 2012-04-11
ILD1150 INFINEON-ILD1150 Datasheet
1Mb / 34P
Multitopology High Power LED DC/DC Controller IC for Industrial Applications
Rev. 1.1, 2012-04-11
logo
Micropac Industries
53290-270-060 MICROPAC-53290-270-060 Datasheet
521Kb / 8P
270V DC INDUSTRIAL POWER CONTROLLER (IPC)
53290-028-010 MICROPAC-53290-028-010 Datasheet
244Kb / 9P
28V DC INDUSTRIAL POWER CONTROLLER (IPC)
logo
Moxa Inc.
WAC-1001 MOXA-WAC-1001 Datasheet
817Kb / 2P
Industrial wireless access controller
logo
Analog Devices
LTC9111 AD-LTC9111 Datasheet
1Mb / 20P
Industrial SPoE PD Controller
Rev. 0
logo
Digital View Ltd
HE-1400 DIGITALVIEW-HE-1400 Datasheet
806Kb / 2P
LCD Controller for Industrial Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com