Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F0 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLS820F0 Datasheet HTML 1Page - Infineon Technologies AG TLS820F0 Datasheet HTML 2Page - Infineon Technologies AG TLS820F0 Datasheet HTML 3Page - Infineon Technologies AG TLS820F0 Datasheet HTML 4Page - Infineon Technologies AG TLS820F0 Datasheet HTML 5Page - Infineon Technologies AG TLS820F0 Datasheet HTML 6Page - Infineon Technologies AG TLS820F0 Datasheet HTML 7Page - Infineon Technologies AG TLS820F0 Datasheet HTML 8Page - Infineon Technologies AG TLS820F0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Data Sheet
3
Rev. 1.1, 2015-07-27
Low Dropout Linear Voltage Regulator
TLS820F0
1Overview
Features
•
Wide Input Voltage Range from 3.0 V to 40 V
•
Fixed Output Voltage 5 V or 3.3 V
•
Output Voltage Precision ≤ ±2 %
•
Output Current Capability up to 200 mA
•
Ultra Low Current Consumption typ. 40 µA
•
Very Low Dropout Voltage typ. 70 mV @100 mA
•
Stable with Ceramic Output Capacitor of 1 µF
•
Delayed Reset at Power-On with 2 Programmable Delay Times 8.5 ms
/ 16.5 ms
•
Adjustable Reset Threshold down to 2.50V
•
Watchdog with flexible timings and current dependent deactivation:
16 ms / 32 ms / 48 ms / 96 ms, Activated at
I
Q >5.5 mA
•
Enable, Undervoltage Reset, Overtemperature Shutdown
•
Output Current Limitation
•
Wide Temperature Range
•
Green Product (RoHS compliant)
•
AEC Qualified
Figure 1
PG-SSOP-14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com