Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F0 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 8Page - Infineon Technologies AG TLS820F0 Datasheet HTML 9Page - Infineon Technologies AG TLS820F0 Datasheet HTML 10Page - Infineon Technologies AG TLS820F0 Datasheet HTML 11Page - Infineon Technologies AG TLS820F0 Datasheet HTML 12Page - Infineon Technologies AG TLS820F0 Datasheet HTML 13Page - Infineon Technologies AG TLS820F0 Datasheet HTML 14Page - Infineon Technologies AG TLS820F0 Datasheet HTML 15Page - Infineon Technologies AG TLS820F0 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Data Sheet
12
Rev. 1.1, 2015-07-27
TLS820F0
Block Description and Electrical Characteristics
Table 4
Electrical Characteristics Voltage Regulator 5 V version
T
j = -40 °C to +150 °C, VI = 13.5 V, all voltages with respect to ground (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ. Max.
Output Voltage Precision
V
Q
4.9
5.0
5.1
V
0.05 mA <
I
Q <200 mA
5.44 V <
V
I < 28 V
P_5.1.1
Output Voltage Precision
V
Q
4.9
5.0
5.1
V
0.05 mA <
I
Q <100 mA
5.27 V <
V
I <40V
P_5.1.2
Output Voltage Start-up
slew rate
d
V
Q/dt
3.0
7.5
18
V/ms VI >18V/ms
CQ =1µF
0.5 V <
V
Q <4.5 V
P_5.1.7
Output Current Limitation
I
Q,max
201
350
550
mA
0 V <
V
Q <4.8 V
P_5.1.8
Load Regulation
steady-state
∆
V
Q,load
-15
-1.5
5
mV
I
Q = 0.05 mA to 200 mA
V
I = 6 V
P_5.1.10
Line Regulation
steady-state
∆
V
Q,line
-20
0
20
mV
V
I = 8 V to 32 V
I
Q =1mA
P_5.1.12
Dropout Voltage
V
dr = VI - VQ
V
dr
–
140
340
mV
1) I
Q = 200 mA
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5V
P_5.1.14
Dropout Voltage
V
dr = VI - VQ
V
dr
–70
170
mV
1) I
Q = 100 mA
P_5.1.15
Power Supply Ripple Rejection
PSRR
–59
–
dB
2) f
ripple = 100 Hz
V
ripple = 0.5 Vpp
2) Not subject to production test, specified by design
P_5.1.18
Overtemperature Shutdown
Threshold
T
j,sd
151
–
200
°C
2) T
j increasing
P_5.1.19
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–15
–
K
2) T
j decreasing
P_5.1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com