Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F0 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 2Page - Infineon Technologies AG TLS820F0 Datasheet HTML 3Page - Infineon Technologies AG TLS820F0 Datasheet HTML 4Page - Infineon Technologies AG TLS820F0 Datasheet HTML 5Page - Infineon Technologies AG TLS820F0 Datasheet HTML 6Page - Infineon Technologies AG TLS820F0 Datasheet HTML 7Page - Infineon Technologies AG TLS820F0 Datasheet HTML 8Page - Infineon Technologies AG TLS820F0 Datasheet HTML 9Page - Infineon Technologies AG TLS820F0 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Data Sheet
6
Rev. 1.1, 2015-07-27
TLS820F0
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment TLS820F0ELV50 and TLS820F0ELV33
Figure 3
Pin Configuration
3.2
Pin Definitions and Functions TLS820F0ELV50 and TLS820F0ELV33
Pin
Symbol
Function
1I
Input
It is recommended to place a small ceramic capacitor (e.g. 100 nF) to GND, close
to the IC terminals, in order to compensate line influences. See also Chapter 6.2.1
2, 4, 6
n.c.
not connected
Leave open or connect to GND
3EN
Enable (integrated pull-down resistor)
Enable the IC with high level input signal;
Disable the IC with low level input signal;
5GND
Ground
7WI
Watchdog Input (integrated pull-down resistor)
Serve Watchdog with trigger input signal (usable for microcontroller monitoring)
8RADJ
Reset Threshold Adjustment
Connect to GND to use standard value;
Connect an external voltage divider to adjust reset threshold
9DT1
Delay Timing 1 (integrated pull-down resistor)
Connect to GND or Q to select Reset timing acc. to Table 8
Connect to GND or Q to select Watchdog timing acc. to Table 11
10
DT2
Delay Timing 2 (integrated pull-down resistor)
Connect to GND or Q to select Watchdog timing acc. to Table 11
11
RO
Reset Output (integrated pull-up resistor to Q)
Open collector output;
Leave open if the reset function is not needed
12
WO
Watchdog Output (integrated pull-up resistor to Q)
Open collector output;
Leave open if the watchdog function is not needed
PG -
SSOP14 _Pin Ou t.vs d
I
n.c.
n.c.
GND
Q
n.c.
WI
n.c.
WO
RO
DT1
DT2
RADJ
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SSOP-14
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com