Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F0 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 5Page - Infineon Technologies AG TLS820F0 Datasheet HTML 6Page - Infineon Technologies AG TLS820F0 Datasheet HTML 7Page - Infineon Technologies AG TLS820F0 Datasheet HTML 8Page - Infineon Technologies AG TLS820F0 Datasheet HTML 9Page - Infineon Technologies AG TLS820F0 Datasheet HTML 10Page - Infineon Technologies AG TLS820F0 Datasheet HTML 11Page - Infineon Technologies AG TLS820F0 Datasheet HTML 12Page - Infineon Technologies AG TLS820F0 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
TLS820F0
General Product Characteristics
Data Sheet
9
Rev. 1.1, 2015-07-27
4.2
Functional Range
Note: Within the functional or operating range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the Electrical Characteristics table.
Table 2
Functional Range
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.
Input Voltage Range
V
I
V
Q,nom + Vdr –40
V
1) –
1) Output current is limited internaly and depends on the input voltage, see Electrical Characteristics for more details.
P_4.2.1
Extended Input Voltage Range
V
I,ext
3.0
–
40
V
2) –
2) When
V
I is between VI,ext,min and VQ,nom + Vdr, VQ = VI - Vdr. When VI is below VI,ext,min, VQ can drop down to 0 V.
P_4.2.3
Enable Voltage Range
V
EN
0–
40
V
–
P_4.2.5
Output Capacitor’s
Requirements for Stability
C
Q
1–
–
µF
3)4) –
3) Not subject to production test, specified by design.
4) The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
P_4.2.6
ESR
ESR(C
Q)
––
100
Ω
3) –
P_4.2.7
Junction Temperature
T
j
-40
–
150
°C
–
P_4.2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com