Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820F0 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLS820F0
Description  Low Dropout Linear Voltage Regulator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820F0 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLS820F0 Datasheet HTML 13Page - Infineon Technologies AG TLS820F0 Datasheet HTML 14Page - Infineon Technologies AG TLS820F0 Datasheet HTML 15Page - Infineon Technologies AG TLS820F0 Datasheet HTML 16Page - Infineon Technologies AG TLS820F0 Datasheet HTML 17Page - Infineon Technologies AG TLS820F0 Datasheet HTML 18Page - Infineon Technologies AG TLS820F0 Datasheet HTML 19Page - Infineon Technologies AG TLS820F0 Datasheet HTML 20Page - Infineon Technologies AG TLS820F0 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
TLS820F0
Block Description and Electrical Characteristics
Data Sheet
17
Rev. 1.1, 2015-07-27
5.3
Current Consumption
Table 6
Electrical Characteristics Current Consumption
T
j = -40 °C to +150 °C, VI = 13.5 V (unless otherwise specified)
Typical values are given at
T
j = 25 °C
Conditions of other pins: DT1 = DT2 = WI = GND
Parameter
Symbol
Values
Unit Note / Test Condition
Number
Min.
Typ. Max.
Current Consumption
I
q = II
I
q,off
–1.3
5
µA
V
EN =0V; Tj <105 °C
P_5.3.1
Current Consumption
I
q = II
I
q,off
––
8
µA
V
EN =0.4 V; Tj < 125 °C
P_5.3.3
Current Consumption
I
q = II - IQ
I
q
–40
52
µA
I
Q =0.05 mA
T
j =25 °C
P_5.3.4
Current Consumption
I
q = II - IQ
I
q
–62
77
µA
I
Q =0.05 mA
T
j <125 °C
P_5.3.7
Current Consumption
I
q = II - IQ
I
q
–62
80
µA
1) I
Q =200 mA
T
j <125 °C
1) Not subject to production test, specified by design
P_5.3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com