Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F080 Datasheet(PDF) 13 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 13 Page - Macronix International

Back Button MX29F080 Datasheet HTML 9Page - Macronix International MX29F080 Datasheet HTML 10Page - Macronix International MX29F080 Datasheet HTML 11Page - Macronix International MX29F080 Datasheet HTML 12Page - Macronix International MX29F080 Datasheet HTML 13Page - Macronix International MX29F080 Datasheet HTML 14Page - Macronix International MX29F080 Datasheet HTML 15Page - Macronix International MX29F080 Datasheet HTML 16Page - Macronix International MX29F080 Datasheet HTML 17Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
SECTOR GROUP PROTECTION
The MX29F080 features hardware sector group protec-
tion. This feature will disable both program and erase
operations for these group sector protected. To activate
this mode, the programming equipment must force VID
on address pin A9 and control pin OE, (suggest VID =
12V) A6 = VIL and CE = VIL. (see Table 2) Program-
ming of the protection circuitry begins on the falling edge
of the WE or CE, whichever happens later pulse and is
terminated on the rising edge. Please refer to group sector
protect algorithm and waveform.
To verify programming of the protection circuitry, the pro-
gramming equipment must force VID on address pin A9
( with CE and OE at VIL and WE at VIH). When A1=1, it
will produce a logical "1" code at device output Q0 for a
protected sector. Otherwise the device will produce 00H
for the unprotected sector. In this mode, the addresses,
except for A1, are don't care. Address locations with A1
= VIL are reserved to read manufacturer and device codes.
(Read Silicon ID)
It is also possible to determine if the group is protected
in the system by writing a Read Silicon ID command.
Performing a read operation with A1=VIH, it will produce
a logical "1" at Q0 for the protected sector.
CHIP UNPROTECT
The MX29F080 also features the chip unprotect mode,
so that all sectors are unprotected after chip unprotect
is completed to incorporate any changes in the code. It
is recommended to protect all sectors before activating
chip unprotect mode.
To activate this mode, the programming equipment must
force VID on control pin OE and address pin A9. The CE
pins must be set at VIL. Pins A6 must be set to VIH.
(see Table 2) Refer to chip unprotect algorithm and wave-
form for the chip unprotect algorithm. The unprotection
mechanism begins on the falling edge of the WE or CE,
whichever happens later pulse and is terminated on the
rising edge.
POWER-UP SEQUENCE
The MX29F080 powers up in the Read only mode. In
addition, the memory contents may only be altered after
successful completion of the predefined command se-
quences.
POWER SUPPLY DECOUPLING
In order to reduce power switching effect, each device
should have a 0.1uF ceramic capacitor connected be-
tween its VCC and GND.
It is also possible to determine if the chip is unprotected
in the system by writing the Read Silicon ID command.
Performing a read operation with A1=VIH, it will produce
00H at data outputs (Q0-Q7) for an unprotected sector. It
is noted that all sectors are unprotected after the chip
unprotect algorithm is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com