Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F080 Datasheet(PDF) 6 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 6 Page - Macronix International

Back Button MX29F080 Datasheet HTML 2Page - Macronix International MX29F080 Datasheet HTML 3Page - Macronix International MX29F080 Datasheet HTML 4Page - Macronix International MX29F080 Datasheet HTML 5Page - Macronix International MX29F080 Datasheet HTML 6Page - Macronix International MX29F080 Datasheet HTML 7Page - Macronix International MX29F080 Datasheet HTML 8Page - Macronix International MX29F080 Datasheet HTML 9Page - Macronix International MX29F080 Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
First Bus
Second Bus
Third Bus
Fourth Bus
Fifth Bus
Sixth Bus
Command
Bus
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data Addr
Data Addr
Data
Reset
1
XXXH
F0H
Read
1
RA
RD
Read Silicon ID
4
555H
AAH
2AAH 55H
555H
90H
ADI
DDI
Sector Group
4
555H
AAH
2AAH 55H
555H
90H
SGAx02 00H
Protect Verify
01H
Program
4
555H
AAH
2AAH 55H
555H
A0H
PA
PD
Chip Erase
6
555H
AAH
2AAH 55H
555H
80H
555H
AAH 2AAH 55H 555H 10H
Sector Erase
6
555H
AAH
2AAH 55H
555H
80H
555H
AAH 2AAH 55H SA
30H
Sector Erase Suspend
1
XXXH
B0H
Sector Erase Resume
1
XXXH
30H
TABLE 1. SOFTWARE COMMAND DEFINITIONS
Note:
1. ADI = Address of Device identifier; A1=0, A0 = 0 for manufacture code,A1=0, A0 = 1 for device code. A2-A19=do
not care. (Refer to Table 3)
DDI = Data of Device identifier : C2H for manufacture code, D5H for device code.
X = X can be VIL or VIH
RA=Address of memory location to be read.
RD=Data to be read at location RA.
2. PA = Address of memory location to be programmed.
PD = Data to be programmed at location PA.
SA = Address of the sector to be erased. Address A16-A19 select a unique sector.
SGA=Address of the sector group. Address A17~A19 select a unique sector group.
3. The system should generate the following address patterns: 555H or 2AAH to Address A10~A0 .
Address bit A11~A19=X=Don't care for all address commands except for Program Address (PA) and Sector
Address (SA). Write Sequence may be initiated with A11~A19 in either state.
4. For Sector Group Protect Verify Operation : If read out data is 01H, it means the sector has been protected. If read
out data is 00H, it means the sector is still not being protected.
COMMAND DEFINITIONS
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values or writing them
in the improper sequence will reset the device to the
read mode. Table 1 defines the valid register command
sequences. Note that the Erase Suspend (B0H) and
Erase Resume (30H) commands are valid only while the
Sector Erase operation is in progress. Either of the two
reset command sequences will reset the device(when
applicable).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com