Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F080 Datasheet(PDF) 17 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 17 Page - Macronix International

Back Button MX29F080 Datasheet HTML 13Page - Macronix International MX29F080 Datasheet HTML 14Page - Macronix International MX29F080 Datasheet HTML 15Page - Macronix International MX29F080 Datasheet HTML 16Page - Macronix International MX29F080 Datasheet HTML 17Page - Macronix International MX29F080 Datasheet HTML 18Page - Macronix International MX29F080 Datasheet HTML 19Page - Macronix International MX29F080 Datasheet HTML 20Page - Macronix International MX29F080 Datasheet HTML 21Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
SWITCHING TEST CIRCUITS
SWITCHING TEST WAVEFORMS
COMMAND WRITE TIMING WAVEFORM
2.0V
2.0V
0.8V
0.8V
TEST POINTS
2.4V
0.45V
AC TESTING: Inputs are driven at 2.4V for a logic "1" and 0.45V for a logic "0".
Input pulse rise and fall times are <20ns.
OUTPUT
INPUT
DEVICE UNDER
TEST
DIODES=IN3064
OR EQUIVALENT
CL
1.2K ohm
1.6K ohm
+5V
CL=30pF Including jig capacitance for -70 grade, CL=100pF for others
Addresses
CE
OE
WE
DIN
tDS
tAH
Data
tDH
tCS
tCH
tCWC
tCEPH1
tCEP
tOES
tAS
VCC
5V
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
ADD Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com