Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F080 Datasheet(PDF) 2 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 2 Page - Macronix International

  MX29F080 Datasheet HTML 1Page - Macronix International MX29F080 Datasheet HTML 2Page - Macronix International MX29F080 Datasheet HTML 3Page - Macronix International MX29F080 Datasheet HTML 4Page - Macronix International MX29F080 Datasheet HTML 5Page - Macronix International MX29F080 Datasheet HTML 6Page - Macronix International MX29F080 Datasheet HTML 7Page - Macronix International MX29F080 Datasheet HTML 8Page - Macronix International MX29F080 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
PIN CONFIGURATIONS
40 TSOP (Standard Type) (10mm x 20mm)
SYMBOL
PIN NAME
A0~A19
Address Input
Q0~Q7
8 Data Inputs/Outputs
CE
Chip Enable Input
WE
Write Enable Input
OE
Output Enable Input
RESET
Hardware Reset Pin, Active Low
RY/BY
Read/Busy Output
VCC
+5.0V single power supply
VSS
Device Ground
NC
Pin Not Connected Internally
PIN DESCRIPTION
44 SOP
LOGIC SYMBOL
A19
A18
A17
A16
A15
A14
A13
A12
CE
VCC
NC
RESET
A11
A10
A9
A8
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
NC
NC
WE
OE
RY/BY
Q7
Q6
Q5
Q4
VCC
VSS
VSS
Q3
Q2
Q1
Q0
A0
A1
A2
A3
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
MX29F080
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
NC
RESET
A11
A10
A9
A8
A7
A6
A5
A4
NC
NC
A3
A2
A1
A0
Q0
Q1
Q2
Q3
VSS
VSS
VCC
CE
A12
A13
A14
A15
A16
A17
A18
A19
NC
NC
NC
NC
WE
OE
RY/BY
Q7
Q6
Q5
Q4
VCC
8
Q0-Q7
RY/BY
A0-A19
CE
OE
WE
RESET
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com