Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F080 Datasheet(PDF) 3 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 3 Page - Macronix International

  MX29F080 Datasheet HTML 1Page - Macronix International MX29F080 Datasheet HTML 2Page - Macronix International MX29F080 Datasheet HTML 3Page - Macronix International MX29F080 Datasheet HTML 4Page - Macronix International MX29F080 Datasheet HTML 5Page - Macronix International MX29F080 Datasheet HTML 6Page - Macronix International MX29F080 Datasheet HTML 7Page - Macronix International MX29F080 Datasheet HTML 8Page - Macronix International MX29F080 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
Legend:SA=Sector Address ;
SGA=Sector Group Address
Note:All sectors are 64 Kbytes in size.
SECTOR STRUCTURE
MX29F080 SECTOR ADDRESSTABLE
Sector Group
Sector
A19
A18
A17
A16
Address Range
SGA0
SA0
0000
000000h-00FFFFh
SGA0
SA1
0001
010000h-01FFFFh
SGA1
SA2
0010
020000h-02FFFFh
SGA1
SA3
0011
030000h-03FFFFh
SGA2
SA4
0100
040000h-04FFFFh
SGA2
SA5
0101
050000h-05FFFFh
SGA3
SA6
0110
060000h-06FFFFh
SGA3
SA7
0111
070000h-07FFFFh
SGA4
SA8
1000
080000h-08FFFFh
SGA4
SA9
1001
090000h-09FFFFh
SGA5
SA10
1010
0A0000h-0AFFFFh
SGA5
SA11
1011
0B0000h-0BFFFFh
SGA6
SA12
1100
0C0000h-0CFFFFh
SGA6
SA13
1101
0D0000h-0DFFFFh
SGA7
SA14
1110
0E0000h-0EFFFFh
SGA7
SA15
1111
0F0000h-0FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com