Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35070 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M35070 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4
MEMORY CONSTITUTION
Address 00016 to 11F16 are assigned to the display RAM, address
12016 to 12816 are assigned to the display control registers. The in-
ternal circuit is reset and all display control registers (address 12016
__
to 12816) are set to “0” when the AC pin level is “L”. And then, RAM
is not erased and be undefinited. This memory is consisted of 2
Fig. 1
Memory constitution (page 0 memory)
pages : page 0 memory and page 1 memory (their addresses are
common), page controlled by DAF bit of each address when writing
data. For detail, see “Data input”. Memory constitution is shown in
Figure 1 and 2.
DAF
DAE
DAD
DAC
DAB
DAA
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
0
BB
BG
BR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
BB
BG
BR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
BB
BG
BR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
BB
BG
BR
BLINK
B
G
R
C7
C6
C5
C4
C3
C2
C1
C0
0
EXCK0
VJT
DIVS1 DIVS0 DIV10
DIV9
DIV8
DIV7
DIV6
DIV5
DIV4
DIV3
DIV2
DIV1
DIV0
0
RSEL0 PTD7
PTD6
PTD5
PTD4
PTD3
PTD2
PTD1
PTD0
PTC5
PTC4
PTC3
PTC2
PTC1
PTC0
0
RSEL1 SPACE2 SPACE1 SPACE0 HP10
HP9
HP8
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
0
EXCK1 TEST3 TEST2 TEST1 TEST0
VP9
VP8
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
0
TEST9 TEST5 TEST4 DSP11 DSP10 DSP9
DSP8
DSP7
DSP6
DSP5
DSP4
DSP3
DSP2
DSP1
DSP0
0
TEST10 VSZ1H1 VSZ1H0 VSZ1L1 VSZ1L0 V1SZ1 V1SZ0
LIN9
LIN8
LIN7
LIN6
LIN5
LIN4
LIN3
LIN2
0
POPUP VSZ2H1 VSZ2H0 VSZ2L1 VSZ2L0 V18SZ1 V18SZ0 LIN17 LIN16 LIN15 LIN14 LIN13 LIN12 LIN11 LIN10
0
MODE0 TEST12 HSZ20 TEST11 HSZ10 BETA14 TEST8 TEST7 TEST6
FB
FG
FR
RB
RG
RR
0
MODE1 BLINK2 BLINK1 BLINK0 DSPON STOP RAMERS SYAD
BLK1
BLK0
POLH POLV VMASK
B/F
BCOL
00016
00116
11E16
11F16
12016
12116
12216
12316
12416
12516
12616
12716
12816
Addresses
Character color
Character code
Background
coloring
Blink-
ing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com