Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35070 Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M35070 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
10
(3) Address 12216
Horizontal display start location is
specified using the 11 bits from HP10
to HP0.
HP10 to HP0 = (000000000002) and
(000001001112) setting is forbidden.
HS* (shown left) shows horizontal
__
display start location that is register B/F
(address 12816) = 0 is set.
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
If HS is the horizontal display start location,
HS = T
×
2nHPn + 6)
T : Period of display frequency
2007 settings are possible.
Leave one line worth of space in the ver-
tical direction.
For example, 6 (S) 6 indicates two sets
of 6 lines with a line of spaces between
lines 6 and 7.
A line is 18
× N horizontal scan lines.
N is determined by the character size in
the vertical direction
Set display frequency range.
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
HP9
HP10
SPACE0
SPACE1
SPACE2
RSEL1
SPACE
2
0
0
0
0
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
0
1
0
1
0
1
Number of Lines and Space
<(S) represents space>
12
1 (S) 10 (S) 1
2 (S) 8 (S) 2
3 (S) 6 (S) 3
4 (S) 4 (S) 4
5 (S) 2 (S) 5
6 (S) 6
6 (S)(S) 6
(S) represents one line worth of spac
For setting, see REGISTER SUPPLYMENTARY DESCRIPTION
(2).
10
(
Σ
n = 0
Register
DA
Function
Contents
Remarks
Status
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to
"1".
Display area
HS
*
VS
HOR
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com