Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35070 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button M35070 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
17
REGISTER SUPPLEMENTARY DESCRIPTION
(1) Setting external clock input and display frequency mode
Setting external clock input and display frequency mode (by
use of EXCK0 (12016), EXCK1 (12316) and DIV10 to DIV0
(12016), as explained here following.
(a) When (EXCK1, EXCK0) = (0, 0) ......External synchronous
1 (External clock display) … Fosc = 20 to 70 MHz
Input from the TCK pin a constant-period continuous
external clock that synchronizes with the horizontal
synchronous signal. And input from HOR pin a constant
period continuous horizontal synchronous signal.
Never stop inputting the clock while displaying.
Do not have to set a display frequency because the clock
just as it is entered from outside is used as the display
clock.
(b) When (EXCK1, EXCK0) = (0, 1) ......Internal
synchronous… Fosc = 20 to 90 MHz
Clock input from the TCK pin is unnecessary. The multiply
clock of the internally generated horizontal synchronous
signal is used as the display clock.
The display frequency is set by setting the multiply value of
the horizontal synchronous frequency (of the display
frequency) in DIV10 to DIV0 (address 12016). Also, set the
display frequency range. (See the next page.)
Display frequency is calculated using the below expression.
Display frequency = Horizontal synchronous frequency x
Multiply value
(c) When (EXCK1, EXCK0) = (1, 0) ......… Setting disabled
(d) When (EXCK1, EXCK0) = (1, 1) ......External synchronous 2
(Internal oscillation clock display) … Fosc = 20 to 90 MHz
Input from the TCK pin a constant-period continuous external
clock that synchronizes with the horizontal synchronous
signal. And input from HOR pin a constant-period continuous
horizontal synchronous signal.
Never stop inputting the clock while displaying.
An internal clock which is in sync with the external input clock
is used as the display clock.
Because the display frequency equals the external clock
frequency, set N1 (division value) that satisfies the below
expressions to DIV10 to DIV0 (address 12016) for make the
display frequency is equal to the external clock frequency.
N1 = external clock frequency / horizontal synchronous
frequency
N1 =
Also, set the display frequency range. (See the next page.)
Fig. 4
Example of external clock input
Horizontal synchronous signal
External clock
Number of clock (N1)
1H
10
Σ
n = 0
2nDIVn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com