Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35070 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M35070 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
16
(9) Address 12816
BCOL
__
B/F
VMASK
POLV
POLH
BLK0
BLK1
SYAD
RAMERS
STOP
DSPON
BLINK0
BLINK1
BLINK2
MODE1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
Register
DA
Status
Contents
Function
(Note 3)
Remarks
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
(Note 3)
(Note 3)
(Note 3)
(Note 3)
Blanking of BLK0, BLK1
All raster blanking
Synchronize with the leading edge of horizontal synchronization.
Synchronize with the trailing edge of horizontal synchronization.
Do not mask by VERT input signal
Mask by VERT input signal
VERT pin is negative polarity
VERT pin is positive polarity
HOR pin is negative polarity
HOR pin is positive polarity
Border display of character
Shadow display of character
RAM not erased
RAM erased
Oscillation of clock for display
Stop the oscillation of clock for display
Display OFF
Display ON
Divided into 64 of vertical synchronous signal
Divided into 32 of vertical synchronous signal
For setting, see MODE0 (address 12716).
Sets all raster blanking
Synchronize with the front porch or
back porch of the horizontal
synchronazation signal.
Set mask at phase comparison
operating.
Set VERT pin polarity.
Set HOR pin polarity.
Set blanking mode.
See “DISPLAY SHAPE 2”.
See “DISPLAY FORM1 (2)”.
There is no need to reset because
there is no register for this bit.
It is a test bit (TEST13) in the page 1
register, therefore fix it to “0”.
Set blinking duty ratio.
Set blinking frequency.
Sets the display mode for when 2
pages are displayed at the same time.
BLINK
1
0
0
1
1
0
0
1
0
1
Duty
Blinking OFF
25%
50%
75%
(When DSPn (address 12416) = “0”)
0
0
1
1
0
1
0
1
Blanking mode
Matrix-outline size
Character size
Border size
Matrix-outline size
BLINK1
BLINK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com