Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35070 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M35070
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35070 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M35070 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35070 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
MITSUBISHI MICROCOMPUTERS
M35070-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
2
Symbol
CPOUT
VSS2
__
AC
TEST
SCL
SDA
TCK
VDD1
P6
P7
VSS1
P0/BLNK0
P1/R
P2
P3/G
P4
P5/B
HOR
VERT
VDD2
Input/
Output
Output
Input
Input
Input
I/O
Input
Output
Output
Output
Output
Output
Output
Output
Output
Input
Input
Function
Filter output. Connect loop filter to this pin.
Connect to GND.
When “L”, this pin resets the internal IC circuit. Hysteresis input. Built-in pull-up resistor.
Test pin. Connect to +5V.
SDA pin serial data is taken in when SCL rises. Hysteresis input.
This is the pin for serial input of display control register and display RAM data. Also, this
pin output acknowledge signal. Hysteresis input. Nch opendrain output.
This is the pin for external clock input.
Please connect to +5V with the power pin.
This is the output port.
This is the output port.
Please connect to GND using circuit earthing pin.
This pin can be toggled between port pin output and BLNK0 signal output.
This pin can be toggled between port pin output and R signal output.
This is the output port.
This pin can be toggled between port pin output and G signal output.
This is the output port.
This pin can be toggled between port pin output and B signal output.
This pin inputs the horizontal synchronous signal. Hysteresis input.
This pin inputs the vertical synchronous signal. Hysteresis input.
Please connect to +5V with the power pin.
Pin name
Filter output
Earthing pin
Auto-clear input
Test input
Clock input
Data I/O
External clock
Power pin
Port P6 output
Port P7 output
Earthing pin
Port P0 output
Port P1 output
Port P2 output
Port P3 output
Port P4 output
Port P5 output
Horizontal synchro-
nous signal input
Vertical synchro-
nous signal input
Power pin
Pin
Number
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com