Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 5 Page - Texas Instruments

  TLE2301 Datasheet HTML 1Page - Texas Instruments TLE2301 Datasheet HTML 2Page - Texas Instruments TLE2301 Datasheet HTML 3Page - Texas Instruments TLE2301 Datasheet HTML 4Page - Texas Instruments TLE2301 Datasheet HTML 5Page - Texas Instruments TLE2301 Datasheet HTML 6Page - Texas Instruments TLE2301 Datasheet HTML 7Page - Texas Instruments TLE2301 Datasheet HTML 8Page - Texas Instruments TLE2301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
±
±4.5
±20
V
Common mode input voltage VIC
VCC
± = ±5 V
–4
1.6
V
Common-mode input voltage, VIC
VCC
± = ±15 V
–14
11.8
V
High-level 3-state enable voltage, VIH
2
V
Low-level 3-state enable voltage, VIL
0.8
V
Continuous output current
1
A
Operating free-air temperature, TA
–40
85
°C
electrical characteristics at specified free-air temperature, VCC± = ±5 V, CC = 15 pF (unless
otherwise noted) (see Figure 5)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0,
VIC = 0,
25
°C
0.4
7
mV
VIO
Input offset voltage
O
,
RS = 50 Ω
IC
,
Full range
10
mV
IIB
Input bias current
VO = 0,
VIC = 0,
25
°C
283
450
nA
IIB
Input bias current
O
,
RS = 50 Ω
IC
,
Full range
500
nA
–4
VICR
Common-mode input voltage range
RS = 50 Ω
Full range
4
to
V
ICR
gg
S
g
1.6
VOM
Maximum positive peak output voltage swing
RL =20 Ω
See Note 6
25
°C
3.3
3.5
V
VOM + Maximum positive peak output voltage swing
RL = 20 Ω,
See Note 6
Full range
3.2
V
VOM
Maximum negative peak output voltage swing
RL =20 Ω
See Note 6
25
°C
– 3.2
– 3.4
V
VOM – Maximum negative peak output voltage swing
RL = 20 Ω,
See Note 6
Full range
– 3.1
V
AVD
Large signal differential voltage amplification
VO = ± 2 V,
VIC = 0,
25
°C
65
87
dB
AVD
Large-signal differential voltage amplification
O
,
RL = 20 Ω
IC
,
Full range
60
dB
ri
Differential input resistance
25
°C
1
M
Ω
r
Output resistance (see Note 7)
TRS1 = 0.8 V
25
°C
1
Ω
ro
Output resistance (see Note 7)
TRS1 = 2 V,
3-state mode
25
°C
100
k
Ω
CMRR
Common mode rejection ratio
VIC = VICRmin, VO = 0,
25
°C
65
88
dB
CMRR
Common-mode rejection ratio
IC
ICR
,
RS = 50 Ω
O
,
25
°C
65
88
dB
kSVR
Supply voltage rejection ratio (
∆VCC± /∆VIO)
VCC
± = ±4.5 V to ±20 V,
25
°C
70
100
dB
kSVR
Supply-voltage rejection ratio (
∆VCC± /∆VIO)
CC
±
,
VIC = 0,
No load
25
°C
70
100
dB
IIH
Enable input current high
VI =2V
3 state mode
25
°C
0.01
0.5
µA
IIH
Enable input current, high
VI = 2 V,
3-state mode
Full range
0.5
µA
IIL
Enable input current low
VI =0 8V
25
°C
0.01
0.5
µA
IIL
Enable input current, low
VI = 0.8 V
Full range
0.5
µA
IOS
Short-circuit output current (see Note 8)
VO = 0,
tp ≤ 50 µs
25
°C
1
1.8
A
VO =0
No load
25
°C
10
21
ICC
Supply current
VO = 0,
No load
Full range
25
mA
ICC
Supply current
VO = 0,
No load,
25
°C
1.73
2.7
mA
O
3-state mode
Full range
3.5
† Full range is – 40
°C to 85°C.
NOTES:
6. OUT1 and OUT2 are connected together for all tests.
7. TRS1 voltage is measured with respect to TRS2 potential.
8. Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately (tp = pulse duration time) .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com