Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLE2301 Datasheet HTML 6Page - Texas Instruments TLE2301 Datasheet HTML 7Page - Texas Instruments TLE2301 Datasheet HTML 8Page - Texas Instruments TLE2301 Datasheet HTML 9Page - Texas Instruments TLE2301 Datasheet HTML 10Page - Texas Instruments TLE2301 Datasheet HTML 11Page - Texas Instruments TLE2301 Datasheet HTML 12Page - Texas Instruments TLE2301 Datasheet HTML 13Page - Texas Instruments TLE2301 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
60
40
0
10
100
1 k
10 k
80
100
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
120
100 k
1 M
10 M
20
–20
20
°
40
°
60
°
80
°
100
°
120
°
140
°
160
°
VCC
± = ±15 V
RL = 20 Ω
CC = 100 pF
TA = 25°C
f – Frequency – Hz
Figure 8
80
70
60
90
100
110
– 50
– 25
0
25
50
75
100
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VCC
± = ±5 V
VCC
± = ±15 V
RL = 20 Ω
Figure 9
15
10
5
0
100
1 k
10 k
100 k
20
25
f – Frequency – Hz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
30
1 M
10 M
RL = 20 Ω
RL = 8.1 Ω
VCC
± = ±15 V
TA = 25°C
Figure 10
4
3
1
0
100
1 k
10 k
100 k
5
7
8
1 M
10 M
2
6
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
f – Frequency – Hz
VCC
± = ±5 V
TA = 25°C
RL = 4.3 Ω
RL = 8.1 Ω
RL = 20 Ω
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com