Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2301 Datasheet HTML 9Page - Texas Instruments TLE2301 Datasheet HTML 10Page - Texas Instruments TLE2301 Datasheet HTML 11Page - Texas Instruments TLE2301 Datasheet HTML 12Page - Texas Instruments TLE2301 Datasheet HTML 13Page - Texas Instruments TLE2301 Datasheet HTML 14Page - Texas Instruments TLE2301 Datasheet HTML 15Page - Texas Instruments TLE2301 Datasheet HTML 16Page - Texas Instruments TLE2301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 150
– 100
0
–50
50
100
150
– 0.5
0
0.5
1
1.5
2
2.5
VOLTAGE FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
t – Time –
µs
VCC
± = ±15 V
RL = 20 Ω
CL = 100 pF
TA = 25°C
Figure 20
–3
–2
–1
0
1
2
3
– 2
0
2
4
6
8
10
12
14
t – Time –
µs
VOLTAGE FOLLOWER
LARGE-SIGNAL
PULSE RESPONSE
VCC
± = ±5 V
RL = 20 Ω
CL = 100 pF
TA = 25°C
Figure 21
3
0.5
2
1
0
4
2.5
10 k
100 k
1 M
10 M
3.5
1.5
f – Frequency – Hz
OUTPUT IMPEDANCE
vs
FREQUENCY
1 k
AVD = 1
VCC
± = ±15 V
TA = 25°C
AVD = 100
AVD = 10
Figure 22
2.5
0.5
1
0
4
2
1 k
10 k
100 k
1 M
10 M
3.5
1.5
3
OUTPUT IMPEDANCE
vs
FREQUENCY
VCC
± = ±5 V
TA = 25°C
AVD = 10
AVD = 1
AVD = 100
f – Frequency – Hz
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com