Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLE2301 Datasheet HTML 15Page - Texas Instruments TLE2301 Datasheet HTML 16Page - Texas Instruments TLE2301 Datasheet HTML 17Page - Texas Instruments TLE2301 Datasheet HTML 18Page - Texas Instruments TLE2301 Datasheet HTML 19Page - Texas Instruments TLE2301 Datasheet HTML 20Page - Texas Instruments TLE2301 Datasheet HTML 21Page - Texas Instruments TLE2301 Datasheet HTML 22Page - Texas Instruments TLE2301 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
power dissipation in amplifier
For sinusoidal waveforms, the dissipation in the amplifier, PAMP, is:
P
AMP +
2
V
CC
I
CC )
2
V
CC
I
OM
π
–P
O
I
CC +
Amplifier s quiescent current
where:
I
OM +
Peak-output-signalling current from amplifier
P
O +
Output power consumed by coupling network and load
The power dissipated in the amplifier is minimized if the amplifier’s peak output current, IOM, is minimized. Since
the output power consumed by the coupling and load is a function of current and voltage ( PO ≈ IO × VO), the
amplifier’s peak output current can be minimized by maximizing the amplifier’s output voltage swing.
circuit parts list
The associated parts list is:
REFERENCE
FIGURE
COMPONENT
DESCRIPTION
IC1
Figure 24, Figure 26
TLE2301 operational amplifier
Texas Instruments TLE230INE
L1
Figure 24
1.67:1, 15-
µH leakage transformer
Electronics Techniques P2820 (European manufacturer)
CC
Figure 24
470-nF capacitor
Metalized paper, safety standards UL1414
CI
Figure 24
100-nF capacitor
Ceramic, general purpose
CF1
Figure 24, Figure 26
15-pF capacitor
Ceramic, general purpose
CF2
Figure 24, Figure 26
39-pF capacitor
Ceramic, general purpose
CD1, CD2
Figure 24
220-
µF, 10-V min capacitors
Aluminum electrolytic, general purpose
CD3, CD4
Figure 24
100-nF capacitors
Ceramic, general purpose
RF
Figure 24
4.7-k
Ω, 0.125-W min resistor
Metal film, general purpose
RI
Figure 24
2.4-k
Ω, 0.125-W min resistor
Metal film, general purpose
RS
Figure 24
3.3-k
Ω, 1-W min, resistor
D1, D2
Figure 24
1N4001 series, 1-A min diodes
General purpose



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com