Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2301 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2301
Description  EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH POWER OPERATIONAL AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2301 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLE2301 Datasheet HTML 15Page - Texas Instruments TLE2301 Datasheet HTML 16Page - Texas Instruments TLE2301 Datasheet HTML 17Page - Texas Instruments TLE2301 Datasheet HTML 18Page - Texas Instruments TLE2301 Datasheet HTML 19Page - Texas Instruments TLE2301 Datasheet HTML 20Page - Texas Instruments TLE2301 Datasheet HTML 21Page - Texas Instruments TLE2301 Datasheet HTML 22Page - Texas Instruments TLE2301 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
TLE2301
EXCALIBUR 3-STATE-OUTPUT WIDE-BANDWIDTH
POWER OPERATIONAL AMPLIFIER
SLOS131 – DECEMBER 1993
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
frequency compensation
The TLE2301 amplifier requires one compensation capacitor. However, when driving heavy loads, stability can
be increased by connecting VCC– terminals 10 and 15 to VCC– terminals 12 and 13 and using another capacitor
between COMP2 and the outputs. The circuit included in this application has been designed with two
compensation capacitors. The component values chosen are:
C
F1 +
15 pF
C
F2 +
33 pF
These component values could be adjusted if the amplifier is used for higher-frequency applications.
power dissipation
The impedance of the mains network fluctuates greatly for many reasons, but its impedance at the supply-
distribution transformer is typically very low, less than 1
Ω, whereas the mains impedance in a house commonly
has a higher value, from 4
Ω to 40 Ω. For utility-metering applications, a master transmitter may be sited at the
supply-distribution transformer and would need to deliver more power into the mains network than the
household transmitter when generating comparable signal amplitudes.
NE thermally-enhanced dual in-line package
The TLE2301 utilizes the four center terminals of the dual-in-line package (NE) to transfer heat to a copper area
on the PCB. A copper area of 1290 mm2 provides a junction-to-ambient thermal impedance, ZθJA, of 34°C/W,
allowing the device to dissipate up to 1.9 W at 85
°C for a junction temperature of 150°C or up to 1.5 W at 85°C
for a junction temperature of 135
°C.
14 mm
5 mm
d
d
TLE2301
35
30
25
20
010
20
30
40
45
JUNCTION-TO-AMBIENT THERMAL
IMPEDANCE
vs
DIMENSIONS
50
40
50
d – Dimensions – mm
NOTE: When d = 25 mm, Z
θJA = 34°C/W
Figure 27. PCB Heatsink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com