Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-EST Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2510-EST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 32Page - Microchip Technology MCP2510-EST Datasheet HTML 33Page - Microchip Technology MCP2510-EST Datasheet HTML 34Page - Microchip Technology MCP2510-EST Datasheet HTML 35Page - Microchip Technology MCP2510-EST Datasheet HTML 36Page - Microchip Technology MCP2510-EST Datasheet HTML 37Page - Microchip Technology MCP2510-EST Datasheet HTML 38Page - Microchip Technology MCP2510-EST Datasheet HTML 39Page - Microchip Technology MCP2510-EST Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
MCP2510
DS21291C-page 36
Preliminary
 2000 Microchip Technology Inc.
5.1
Time Quanta
The Time Quanta is a fixed unit of time derived from the
oscillator period. There is a programmable baud-rate
prescaler, with integral values ranging from 1 to 64, in
addition to a fixed divide by two for clock generation.
Time quanta is defined as:
TQ = 2 * (Baud Rate +1) * TOSC
where Baud Rate is the binary value represented by
CNF1.BRP<5:0>
For some examples:
If Fosc = 16 MHz, BRP<5:0> = 00h, and Nominal Bit
Time = 8 TQ;
then TQ = 125 nsec and Nominal Bit Rate = 1 Mb/s
If FOSC = 20 MHz, BRP<5:0> = 01h, and Nominal Bit
Time = 8 TQ;
then TQ = 200nsec and Nominal Bit Rate = 625 Kb/s
If Fosc = 25 MHz, BRP<5:0> = 3Fh, and Nominal Bit
Time = 25 TQ;
then TQ = 5.12 usec and Nominal Bit Rate = 7.8 Kb/s
The frequencies of the oscillators in the different nodes
must be coordinated in order to provide a system-wide
specified nominal bit time. This means that all oscilla-
tors must have a TOSC that is a integral divisor of TQ. It
should also be noted that although the number of TQ is
programmable from 4 to 25, the usable minimum is 6
TQ. Attempting to a bit time of less than 6 TQ in length
is not guaranteed to operate correctly
5.2
Synchronization Segment
This part of the bit time is used to synchronize the var-
ious CAN nodes on the bus. The edge of the input sig-
nal is expected to occur during the sync segment. The
duration is 1 TQ.
5.3
Propagation Segment
This part of the bit time is used to compensate for phys-
ical delay times within the network. These delay times
consist of the signal propagation time on the bus line
and the internal delay time of the nodes. The delay is
calculated as being the round trip time from transmitter
to receiver (twice the signal’s propagation time on the
bus line), the input comparator delay, and the output
driver delay. The length of the Propagation Segment
can be programmed from 1 TQ to 8 TQ by setting the
PRSEG2:PRSEG0 bits of the CNF2 register (Table
6-2).
The total delay is calculated from the following individ-
ual delays:
- 2 * physical bus end to end delay; TBUS
- 2 * input comparator delay; TCOMP (depends
on application circuit)
- 2 * output driver delay; TDRIVE (depends on
application circuit)
- 1 * input to output of CAN controller; TCAN
(maximum defined as 1 TQ + delay ns)
-TPROPOGATION = 2 * (TBUS + TCOMP + TDRIVE)
+ TCAN
- Prop_Seg = TPROPOGATION / TQ
5.4
Phase Buffer Segments
The Phase Buffer Segments are used to optimally locate
the sampling point of the received bit within the nominal
bit time. The sampling point occurs between phase seg-
ment 1 and phase segment 2. These segments can be
lengthened or shortened by the resynchronization pro-
cess (see Section 5.7.2). Thus, the variation of the val-
ues of the phase buffer segments represent the DPLL
functionality. The end of phase segment 1 determines
the sampling point within a bit time. phase segment 1 is
programmable from 1 TQ to 8 TQ in duration. Phase seg-
ment 2 provides delay before the next transmitted data
transition and is also programmable from 1 TQ to 8 TQ in
duration (however due to IPT requirements the actual
minimum length of phase segment 2 is 2 TQ - see Sec-
tion 5.6 below), or it may be defined to be equal to the
greater of phase segment 1 or the Information Process-
ing Time (IPT). (see Section 5.6).
5.5
Sample Point
The Sample Point is the point of time at which the bus
level is read and value of the received bit is determined.
The Sampling point occurs at the end of phase seg-
ment 1. If the bit timing is slow and contains many TQ,
it is possible to specify multiple sampling of the bus line
at the sample point. The value of the received bit is
determined to be the value of the majority decision of
three values. The three samples are taken at the sam-
ple point, and twice before with a time of TQ/2 between
each sample.
5.6
Information Processing Time
The Information Processing Time (IPT) is the time seg-
ment, starting at the sample point, that is reserved for
calculation of the subsequent bit level. The CAN speci-
fication defines this time to be less than or equal to 2 TQ.
The MCP2510 defines this time to be 2 TQ. Thus, phase
segment 2 must be at least 2 TQ long.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com