Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-EST Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP2510-EST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 35Page - Microchip Technology MCP2510-EST Datasheet HTML 36Page - Microchip Technology MCP2510-EST Datasheet HTML 37Page - Microchip Technology MCP2510-EST Datasheet HTML 38Page - Microchip Technology MCP2510-EST Datasheet HTML 39Page - Microchip Technology MCP2510-EST Datasheet HTML 40Page - Microchip Technology MCP2510-EST Datasheet HTML 41Page - Microchip Technology MCP2510-EST Datasheet HTML 42Page - Microchip Technology MCP2510-EST Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 39
MCP2510
5.10
Bit Timing Configuration Registers
The configuration registers (CNF1, CNF2, CNF3) con-
trol the bit timing for the CAN bus interface. These reg-
isters can only be modified when the MCP2510 is in
configuration mode (see Section 9.0).
5.10.1
CNF1
The BRP<5:0> bits control the baud rate prescaler.
These bits set the length of TQ relative to the OSC1
input frequency, with the minimum length of TQ being 2
OSC1 clock cycles in length (when BRP<5:0> are set
to 000000). The SJW<1:0> bits select the synchroniza-
tion jump width in terms of number of TQ’s.
5.10.2
CNF2
The PRSEG<2:0> bits set the length, in TQ’s, of the
propagation segment. The PHSEG1<2:0> bits set the
length, in TQ’s, of phase segment 1. The SAM bit con-
trols how many times the RXCAN pin is sampled. Set-
ting this bit to a ‘1’ causes the bus to be sampled three
times; twice at TQ/2 before the sample point, and once
at the normal sample point (which is at the end of phase
segment 1). The value of the bus is determined to be
the value read during at least two of the samples. If the
SAM bit is set to a ‘0’ then the RXCAN pin is sampled
only once at the sample point. The BTLMODE bit con-
trols how the length of phase segment 2 is determined.
If this bit is set to a ‘1’ then the length of phase segment
2 is determined by the PHSEG2<2:0> bits of CNF3
(see Section 5.10.3). If the BTLMODE bit is set to a ‘0’
then the length of phase segment 2 is the greater of
phase segment 1 and the information processing time
(which is fixed at 2 TQ for the MCP2510).
5.10.3
CNF3
The PHSEG2<2:0> bits set the length, in TQ’s, of
Phase Segment 2, if the CNF2.BTLMODE bit is set to
a ‘1’. If the BTLMODE bit is set to a ‘0’ then the
PHSEG2<2:0> bits have no effect.
REGISTER 5-1:
CNF1 - Configuration Register1 (ADDRESS: 2Ah)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SJW1
SJW0
BRP5
BRP4
BRP3
BRP2
BRP1
BRP0
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7-6:
SJW<1:0>: Synchronization Jump Width Length
11 = Length = 4 x TQ
10 = Length = 3 x TQ
01 = Length = 2 x TQ
00 = Length = 1 x TQ
bit 5-0: BRP<5:0>: Baud Rate Prescaler
111111 = TQ = 2 x 64 x 1/FOSC
-
-
-
000000 = TQ = 2 x 1 x 1/FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com