Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-EST Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP2510-EST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 58Page - Microchip Technology MCP2510-EST Datasheet HTML 59Page - Microchip Technology MCP2510-EST Datasheet HTML 60Page - Microchip Technology MCP2510-EST Datasheet HTML 61Page - Microchip Technology MCP2510-EST Datasheet HTML 62Page - Microchip Technology MCP2510-EST Datasheet HTML 63Page - Microchip Technology MCP2510-EST Datasheet HTML 64Page - Microchip Technology MCP2510-EST Datasheet HTML 65Page - Microchip Technology MCP2510-EST Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
MCP2510
DS21291C-page 62
Preliminary
 2000 Microchip Technology Inc.
TABLE 12-2: Oscillator Timing Characteristics
TABLE 12-3: CAN Interface AC Characteristics
TABLE 12-4: CLKOUT Pin AC/DC Characteristics
All parameters apply over the
specified operating ranges unless
otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
Clock In Frequency
FOSC
1
1
25
16
MHz
MHz
4.5V to 5.5V
3.0V to 4.5V
Clock In Period
TOSC
40
62.5
1000
1000
ns
ns
4.5V to 5.5V
3.0V to 4.5V
Clock In High, Low Time
TOSL, TOSH
10
–
ns
Note
Clock In Rise, Fall Time
TOSR, TOSF
–
15
ns
Note
Duty Cycle (External Clock Input)
TDUTY
.30
.70
–
TOSH / (TOSH + TOSL)
Note:
This parameter is periodically sampled and not 100% tested.
All parameters apply over the
specified operating ranges
unless otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
Wakeup Noise Filter
TWF
50
–
ns
CLOCKOUT Propagation Delay
TDCLK
–
100
ns
All parameters apply over the
specified operating ranges
unless otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VCC = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VCC = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Conditions
CLKOUT Pin High Time
thCLKOUT
15
–
ns
TOSC = 40 ns, CLKOUT prescaler set
to divide by one
CLKOUT Pin Low Time
tlCLKOUT
15
–
ns
TOSC = 40 ns, CLKOUT prescaler set
to divide by one
CLKOUT Pin Rise Time
trCLKOUT
–
5
ns
Measured from 0.3 VDD to 0.7 VDD
CLKOUT Pin Fall Time
tfCLKOUT
–
5
ns
Measured from 0.7 VDD to 0.3 VDD
CLOCKOUT Propagation Delay
tdCLKOUT
–
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com