Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-EST Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP2510-EST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 59Page - Microchip Technology MCP2510-EST Datasheet HTML 60Page - Microchip Technology MCP2510-EST Datasheet HTML 61Page - Microchip Technology MCP2510-EST Datasheet HTML 62Page - Microchip Technology MCP2510-EST Datasheet HTML 63Page - Microchip Technology MCP2510-EST Datasheet HTML 64Page - Microchip Technology MCP2510-EST Datasheet HTML 65Page - Microchip Technology MCP2510-EST Datasheet HTML 66Page - Microchip Technology MCP2510-EST Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 63
MCP2510
TABLE 12-5: SPI Interface AC Characteristics
All parameters apply over the
specified operating ranges
unless otherwise noted.
Industrial (I):
TAMB = -40°C to +85°C
VDD = 3.0V to 5.5V
Automotive (E):
TAMB = -40°C to +125°C
VDD = 4.5V to 5.5V
Parameter
Symbol
Min
Max
Units
Test Conditions
Clock Frequency
FCLK
–
–
–
5
4
2.5
MHz
MHz
MHz
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD= 3.0V to 4.5V
CS Setup Time
TCSS
100
–
ns
CS Hold Time
TCSH
100
115
180
–
–
–
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD =3.0V to 4.5V
CS Disable Time
TCSD
100
100
280
–
–
–
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
Data Setup Time
TSU
20
20
30
–
–
–
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
Data Hold Time
THD
20
20
50
–
–
–
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
CLK Rise Time
TR
–
2ms
Note
CLK Fall Time
TF
–
2ms
Note
Clock High Time
THI
90
115
180
–
–
–
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
Clock Low Time
TLO
90
115
180
–
–
–
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD = 3.0V to 4.5V
Clock Delay Time
TCLD
50
–
ns
Clock Enable Time
TCLE
50
–
ns
Output Valid from Clock Low
TV
–
–
–
90
115
180
ns
ns
ns
VDD = 4.5V to 5.5V
VDD = 4.5V to 5.5V (E temp)
VDD =3.0V to 4.5V
Output Hold Time
THO
0
–
ns
Note
Output Disable Time
TDIS
–
200
ns
Note
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com