Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2510-EST Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2510-EST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 49Page - Microchip Technology MCP2510-EST Datasheet HTML 50Page - Microchip Technology MCP2510-EST Datasheet HTML 51Page - Microchip Technology MCP2510-EST Datasheet HTML 52Page - Microchip Technology MCP2510-EST Datasheet HTML 53Page - Microchip Technology MCP2510-EST Datasheet HTML 54Page - Microchip Technology MCP2510-EST Datasheet HTML 55Page - Microchip Technology MCP2510-EST Datasheet HTML 56Page - Microchip Technology MCP2510-EST Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 53
MCP2510
REGISTER 9-2:
CANSTAT - CAN Status Register (ADDRESS: xEh)
R-1
R-0
R-0
U-0
R-0
R-0
R-0
U-0
OPMOD2 OPMOD1 OPMOD0
—
ICOD2
ICOD1
ICOD0
—
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7-5:
OPMOD<2:0>: Operation Mode
000 = Device is in Normal Operation Mode
001 = Device is in Sleep Mode
010 = Device is in Loopback Mode
011 = Device is in Listen Only Mode
100 = Device is in Configuration Mode
bit 4:
Unimplemented: Reads as ‘0’
bit 3-1:
ICOD<2:0>: Interrupt Flag Code
000 = No Interrupt
001 = Error Interrupt
010 = Wake Up Interrupt
011 = TXB0 Interrupt
100 = TXB1 Interrupt
101 = TXB2 Interrupt
110 = RXB0 Interrupt
111 = RXB1 Interrupt
bit 0:
Unimplemented: Reads as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com