Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 104Page - Microchip Technology PIC16LC71 Datasheet HTML 105Page - Microchip Technology PIC16LC71 Datasheet HTML 106Page - Microchip Technology PIC16LC71 Datasheet HTML 107Page - Microchip Technology PIC16LC71 Datasheet HTML 108Page - Microchip Technology PIC16LC71 Datasheet HTML 109Page - Microchip Technology PIC16LC71 Datasheet HTML 110Page - Microchip Technology PIC16LC71 Datasheet HTML 111Page - Microchip Technology PIC16LC71 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 176 page
background image
PIC16C71X
DS30272A-page 108
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 12-22: TYPICAL XTAL STARTUP
TIME vs. VDD (LP MODE, 25
°C)
FIGURE 12-23: TYPICAL XTAL STARTUP
TIME vs. VDD (HS MODE,
25
°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
32 kHz, 33 pF/33 pF
200 kHz, 15 pF/15 pF
7
6
5
4
3
2
1
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
20 MHz, 33 pF/33 pF
8 MHz, 33 pF/33 pF
8 MHz, 15 pF/15 pF
20 MHz, 15 pF/15 pF
FIGURE 12-24: TYPICAL XTAL STARTUP
TIME vs. VDD (XT MODE, 25
°C)
TABLE 12-2:
CAPACITOR SELECTION
FOR CRYSTAL
OSCILLATORS
Osc Type
Crystal
Freq
Cap. Range
C1
Cap. Range
C2
LP
32 kHz
33 pF
33 pF
200 kHz
15 pF
15 pF
XT
200 kHz
47-68 pF
47-68 pF
1 MHz
15 pF
15 pF
4 MHz
15 pF
15 pF
HS
4 MHz
15 pF
15 pF
8 MHz
15-33 pF
15-33 pF
20 MHz
15-33 pF
15-33 pF
Crystals
Used
32 kHz
Epson C-001R32.768K-A
± 20 PPM
200 kHz
STD XTL 200.000KHz
± 20 PPM
1 MHz
ECS ECS-10-13-1
± 50 PPM
4 MHz
ECS ECS-40-20-1
± 50 PPM
8 MHz
EPSON CA-301 8.000M-C
± 30 PPM
20 MHz
EPSON CA-301 20.000M-C
± 30 PPM
70
60
50
40
30
20
10
0
3.0
3.5
2.5
4.0
5.0
5.5
6.0
4.5
VDD(Volts)
200 kHz, 68 pF/68 pF
200 kHz, 47 pF/47 pF
1 MHz, 15 pF/15 pF
4 MHz, 15 pF/15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com