Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 108Page - Microchip Technology PIC16LC71 Datasheet HTML 109Page - Microchip Technology PIC16LC71 Datasheet HTML 110Page - Microchip Technology PIC16LC71 Datasheet HTML 111Page - Microchip Technology PIC16LC71 Datasheet HTML 112Page - Microchip Technology PIC16LC71 Datasheet HTML 113Page - Microchip Technology PIC16LC71 Datasheet HTML 114Page - Microchip Technology PIC16LC71 Datasheet HTML 115Page - Microchip Technology PIC16LC71 Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 176 page
background image
OSC
PIC16C715-04
PIC16C715-10
PIC16C715-20
PIC16LC715-04
PIC16C715/JW
RC
VDD:
4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
21
µA max. at 4V
Freq: 4 MHz max.
VDD:
4.5V to 5.5V
IDD:
2.7 mA typ. at 5.5V
IPD:
1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD:
4.5V to 5.5V
IDD:
2.7 mA typ. at 5.5V
IPD:
1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD:
2.5V to 5.5V
IDD:
2.0 mA typ. at 3.0V
IPD:
0.9
µA typ. at 3V
Freq: 4 MHz max.
VDD:
4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
21
µA max. at 4V
Freq: 4 MHz max.
XT
VDD:
4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
21
µA max. at 4V
Freq: 4 MHz max.
VDD:
4.5V to 5.5V
IDD:
2.7 mA typ. at 5.5V
IPD:
1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD:
4.5V to 5.5V
IDD:
2.7 mA typ. at 5.5V
IPD:
1.5
µA typ. at 4V
Freq: 4 MHz max.
VDD:
2.5V to 5.5V
IDD:
2.0 mA typ. at 3.0V
IPD:
0.9
µA typ. at 3V
Freq: 4 MHz max.
VDD:
4.0V to 5.5V
IDD:
5 mA max. at 5.5V
IPD:
21
µA max. at 4V
Freq: 4 MHz max.
HS
VDD:
4.5V to 5.5V
VDD:
4.5V to 5.5V
VDD:
4.5V to 5.5V
Do not use in HS mode
VDD:
4.5V to 5.5V
IDD:
13.5 mA typ. at 5.5V
IDD:
30 mA max. at 5.5V
IDD:
30 mA max. at 5.5V
IDD:
30 mA max. at 5.5V
IPD:
1.5
µA typ. at 4.5V
IPD:
1.5
µA typ. at 4.5V
IPD:
1.5
µA typ. at 4.5V
IPD:
1.5
µA typ. at 4.5V
Freq: 4 MHz max.
Freq: 10 MHz max.
Freq: 20 MHz max.
Freq: 10 MHz max.
LP
VDD:
4.0V to 5.5V
IDD:
52.5
µA typ. at 32 kHz, 4.0V
IPD:
0.9
µA typ. at 4.0V
Freq: 200 kHz max.
Do not use in LP mode
Do not use in LP mode
VDD:
2.5V to 5.5V
IDD:
48
µA max. at 32 kHz, 3.0V
IPD:
5.0
µA max. at 3.0V
Freq: 200 kHz max.
VDD:
2.5V to 5.5V
IDD:
48
µA max. at 32 kHz, 3.0V
IPD:
5.0
µA max. at 3.0V
Freq: 200 kHz max.
The shaded sections indicate oscillator selections which are tested for functionality, but not for MIN/MAX specifications. It is recommended that the user select the device type
that ensures the specifications required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com