Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 111Page - Microchip Technology PIC16LC71 Datasheet HTML 112Page - Microchip Technology PIC16LC71 Datasheet HTML 113Page - Microchip Technology PIC16LC71 Datasheet HTML 114Page - Microchip Technology PIC16LC71 Datasheet HTML 115Page - Microchip Technology PIC16LC71 Datasheet HTML 116Page - Microchip Technology PIC16LC71 Datasheet HTML 117Page - Microchip Technology PIC16LC71 Datasheet HTML 118Page - Microchip Technology PIC16LC71 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 115
PIC16C71X
Applicable Devices
710 71 711 715
13.3
DC Characteristics:
PIC16C715-04 (Commercial, Industrial, Extended)
PIC16C715-10 (Commercial, Industrial, Extended)
PIC16C715-20 (Commercial, Industrial, Extended)
PIC16LC715-04 (Commercial, Industrial))
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
-40˚C
≤ TA ≤ +85˚C (industrial)
-40˚C
≤ TA ≤ +125˚C (extended)
Operating voltage VDD range as described in DC spec Section 13.1
and Section 13.2.
Param
No.
Characteristic
Sym
Min
Typ
†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
-
0.5V
V
D031
with Schmitt Trigger buffer
VSS
-
0.2VDD
V
D032
MCLR, RA4/T0CKI,OSC1
(in RC mode)
VSS
-
0.2VDD
V
D033
OSC1 (in XT, HS and LP)
VSS
-
0.3VDD
V
Note1
Input High Voltage
I/O ports
VIH
-
D040
with TTL buffer
2.0
-
VDD
V
4.5
≤ VDD ≤ 5.5V
D040A
0.8VDD
-
VDD
V
For VDD > 5.5V or VDD < 4.5V
D041
with Schmitt Trigger buffer
0.8VDD
-
VDD
V
For entire VDD range
D042
MCLR, RA4/T0CKI RB0/INT
0.8VDD
-
VDD
V
D042A
OSC1 (XT, HS and LP)
0.7VDD
-
VDD
V
Note1
D043
OSC1 (in RC mode)
0.9VDD
-
VDD
V
D070
PORTB weak pull-up current
IPURB
50
250
400
µA VDD = 5V, VPIN = VSS
Input Leakage Current (Notes 2, 3)
D060
I/O ports
IIL
-
-
±1
µA Vss ≤ VPIN ≤ VDD, Pin at hi-
impedance
D061
MCLR, RA4/T0CKI
-
-
±5
µA Vss ≤ VPIN ≤ VDD
D063
OSC1
-
-
±5
µA Vss ≤ VPIN ≤ VDD, XT, HS and LP
osc configuration
Output Low Voltage
D080
I/O ports
VOL
-
-
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D080A
-
-
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40
°C to +125°C
D083
OSC2/CLKOUT (RC osc config)
-
-
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
D083A
-
-
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16C7X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com