Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 118 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 118 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 114Page - Microchip Technology PIC16LC71 Datasheet HTML 115Page - Microchip Technology PIC16LC71 Datasheet HTML 116Page - Microchip Technology PIC16LC71 Datasheet HTML 117Page - Microchip Technology PIC16LC71 Datasheet HTML 118Page - Microchip Technology PIC16LC71 Datasheet HTML 119Page - Microchip Technology PIC16LC71 Datasheet HTML 120Page - Microchip Technology PIC16LC71 Datasheet HTML 121Page - Microchip Technology PIC16LC71 Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 176 page
background image
PIC16C71X
DS30272A-page 118
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
13.5
Timing Diagrams and Specifications
FIGURE 13-2: EXTERNAL CLOCK TIMING
TABLE 13-2:
CLOCK TIMING REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Fos
External CLKIN Frequency
(Note 1)
DC
—
4
MHz
XT osc mode
DC
—
4
MHz
HS osc mode (PIC16C715-04)
DC
—
20
MHz
HS osc mode (PIC16C715-20)
DC
—
200
kHz
LP osc mode
Oscillator Frequency
(Note 1)
DC
—
4
MHz
RC osc mode
0.1
—
4
MHz
XT osc mode
4
—
4
MHz
HS osc mode (PIC16C715-04)
4
4
5
—
—
—
10
20
200
MHz
MHz
kHz
HS osc mode (PIC16C715-10)
HS osc mode (PIC16C715-20)
LP osc mode
1
Tosc
External CLKIN Period
(Note 1)
250
—
—
ns
XT osc mode
250
—
—
ns
HS osc mode (PIC16C715-04)
100
—
—
ns
HS osc mode (PIC16C715-10)
50
—
—
ns
HS osc mode (PIC16C715-20)
5
—
—
µs
LP osc mode
Oscillator Period
(Note 1)
250
—
—
ns
RC osc mode
250
—
10,000
ns
XT osc mode
250
—
250
ns
HS osc mode (PIC16C715-04)
100
50
—
—
250
250
ns
ns
HS osc mode (PIC16C715-10)
HS osc mode (PIC16C715-20)
5
—
—
µs
LP osc mode
2
TCY
Instruction Cycle Time (Note 1)
200
—
DC
ns
TCY = 4/FOSC
3
TosL,
TosH
External Clock in (OSC1) High
or Low Time
50
—
—
ns
XT oscillator
2.5
—
—
µs
LP oscillator
10
—
—
ns
HS oscillator
4
TosR,
TosF
External Clock in (OSC1) Rise
or Fall Time
—
—
25
ns
XT oscillator
—
—
50
ns
LP oscillator
—
—
15
ns
HS oscillator
†
Data in "Typ" column is at 5V, 25˚C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
Instruction cycle period (TCY) equals four times the input oscillator time-base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at "min." values with an external clock applied to the OSC1/CLKIN pin.
When an external clock input is used, the "Max." cycle time limit is "DC" (no clock) for all devices. OSC2 is disconnected
(has no loading) for the PIC16C715.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com