Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 120Page - Microchip Technology PIC16LC71 Datasheet HTML 121Page - Microchip Technology PIC16LC71 Datasheet HTML 122Page - Microchip Technology PIC16LC71 Datasheet HTML 123Page - Microchip Technology PIC16LC71 Datasheet HTML 124Page - Microchip Technology PIC16LC71 Datasheet HTML 125Page - Microchip Technology PIC16LC71 Datasheet HTML 126Page - Microchip Technology PIC16LC71 Datasheet HTML 127Page - Microchip Technology PIC16LC71 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 176 page
background image
PIC16C71X
DS30272A-page 124
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 13-7: A/D CONVERSION TIMING
TABLE 13-8:
A/D CONVERSION REQUIREMENTS
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
130
TAD
A/D clock period
1.6
2.0
—
—
µs
µs
VREF
≥ 3.0V
VREF full range
130
TAD
A/D Internal RC
Oscillator source
ADCS1:ADCS0 = 11
(RC oscillator source)
3.0
6.0
9.0
µs
PIC16LC715, VDD = 3.0V
2.0
4.0
6.0
µs
PIC16C715
131
TCNV
Conversion time
(not including S/H
time). Note 1
—
9.5TAD
—
—
132
TACQ
Acquisition time
Note 2
20
—
µs
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1:
ADRES register may be read on the following TCY cycle.
131
130
132
BSF ADCON0, GO
Q4
A/D CLK
A/D DATA
ADRES
ADIF
GO
SAMPLE
OLD_DATA
SAMPLING STOPPED
DONE
NEW_DATA
(TOSC/2) (1)
7
6
5
4
3
2
1
0
Note 1:
If the A/D clock source is selected as RC, a time of TCY is added before the A/D clock starts. This allows the
SLEEP
instruction to be executed.
1 Tcy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com