Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 121Page - Microchip Technology PIC16LC71 Datasheet HTML 122Page - Microchip Technology PIC16LC71 Datasheet HTML 123Page - Microchip Technology PIC16LC71 Datasheet HTML 124Page - Microchip Technology PIC16LC71 Datasheet HTML 125Page - Microchip Technology PIC16LC71 Datasheet HTML 126Page - Microchip Technology PIC16LC71 Datasheet HTML 127Page - Microchip Technology PIC16LC71 Datasheet HTML 128Page - Microchip Technology PIC16LC71 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 125
PIC16C71X
Applicable Devices
710 71 711 715
14.0
DC AND AC CHARACTERISTICS GRAPHS AND TABLES FOR PIC16C715
The graphs and tables provided in this section are for design guidance and are not tested or guaranteed.
In some graphs or tables the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are guaranteed to operate properly only within the specified
range.
FIGURE 14-1: TYPICAL IPD vs. VDD (WDT DISABLED, RC MODE)
FIGURE 14-2: MAXIMUM IPD vs. VDD (WDT DISABLED, RC MODE)
Note:
The data presented in this section is a statistical summary of data collected on units from different lots over
a period of time and matrix samples. 'Typical' represents the mean of the distribution at, 25
°C, while 'max'
or 'min' represents (mean +3
σ) and (mean -3σ) respectively where σ is standard deviation.
35
30
25
20
15
10
5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD(Volts)
Shaded area is beyond
recommended range.
VDD(Volts)
10.000
1.000
0.100
0.010
0.001
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
85
°C
70
°C
25
°C
0
°C
-40
°C
Shaded area is beyond
recommended range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com