Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 130Page - Microchip Technology PIC16LC71 Datasheet HTML 131Page - Microchip Technology PIC16LC71 Datasheet HTML 132Page - Microchip Technology PIC16LC71 Datasheet HTML 133Page - Microchip Technology PIC16LC71 Datasheet HTML 134Page - Microchip Technology PIC16LC71 Datasheet HTML 135Page - Microchip Technology PIC16LC71 Datasheet HTML 136Page - Microchip Technology PIC16LC71 Datasheet HTML 137Page - Microchip Technology PIC16LC71 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 176 page
background image
PIC16C71X
DS30272A-page 134
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
FIGURE 14-29: TYPICAL IDD vs. FREQUENCY
(HS MODE, 25
°C)
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
1
2
4
6
8
10
12
14
16
18
20
Frequency(MHz)
5.5V
5.0V
4.5V
4.0V
FIGURE 14-30: MAXIMUM IDD vs.
FREQUENCY
(HS MODE, -40
°C TO 85°C)
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0.0
1
2
4
6
8
10
12
14
16
18
20
Frequency(MHz)
5.5V
5.0V
4.5V
4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com