Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LC71 Datasheet(PDF) 138 Page - Microchip Technology

Part # PIC16LC71
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71 Datasheet(HTML) 138 Page - Microchip Technology

Back Button PIC16LC71 Datasheet HTML 134Page - Microchip Technology PIC16LC71 Datasheet HTML 135Page - Microchip Technology PIC16LC71 Datasheet HTML 136Page - Microchip Technology PIC16LC71 Datasheet HTML 137Page - Microchip Technology PIC16LC71 Datasheet HTML 138Page - Microchip Technology PIC16LC71 Datasheet HTML 139Page - Microchip Technology PIC16LC71 Datasheet HTML 140Page - Microchip Technology PIC16LC71 Datasheet HTML 141Page - Microchip Technology PIC16LC71 Datasheet HTML 142Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 176 page
background image
PIC16C71X
DS30272A-page 138
© 1997 Microchip Technology Inc.
Applicable Devices
710 71 711 715
15.3
DC Characteristics:
PIC16C71-04 (Commercial, Industrial)
PIC16C71-20 (Commercial, Industrial)
PIC16LC71-04 (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
OOperating temperature 0˚C
≤ TA ≤ +70˚C (commercial)
-40˚C
≤ TA ≤ +85˚C (industrial)
Operating voltage VDD range as described in DC spec Section 15.1
and Section 15.2.
Param
No.
Characteristic
Sym
Min
Typ
†
Max
Units
Conditions
Input Low Voltage
I/O ports
VIL
D030
with TTL buffer
VSS
-
0.15V
V
For entire VDD range
D031
with Schmitt Trigger buffer
VSS
-
0.8V
V
4.5
≤ VDD ≤ 5.5V
D032
MCLR, OSC1 (in RC mode)
VSS
-
0.2VDD
V
D033
OSC1 (in XT, HS and LP)
VSS
-
0.3VDD
V
Note1
Input High Voltage
I/O ports (Note 4)
VIH
-
D040
with TTL buffer
2.0
-
VDD
V
4.5
≤ VDD ≤ 5.5V
D040A
0.25VDD
+ 0.8V
-
VDD
For entire VDD range
D041
with Schmitt Trigger buffer
0.85VDD
-
VDD
For entire VDD range
D042
MCLR, RB0/INT
0.85VDD
-
VDD
V
D042A
OSC1 (XT, HS and LP)
0.7VDD
-
VDD
V
Note1
D043
OSC1 (in RC mode)
0.9VDD
-
VDD
V
D070
PORTB weak pull-up current
IPURB
50
250 †400
µA VDD = 5V, VPIN = VSS
Input Leakage Current (Notes 2, 3)
D060
I/O ports
IIL
-
-
±1
µA Vss ≤ VPIN ≤ VDD, Pin at hi-
impedance
D061
MCLR, RA4/T0CKI
-
-
±5
µA Vss ≤ VPIN ≤ VDD
D063
OSC1
-
-
±5
µA Vss ≤ VPIN ≤ VDD, XT, HS and
LP osc configuration
Output Low Voltage
D080
I/O ports
VOL
-
-
0.6
V
IOL = 8.5mA, VDD = 4.5V,
-40
°C to +85°C
D083
OSC2/CLKOUT (RC osc config)
-
-
0.6
V
IOL = 1.6mA, VDD = 4.5V,
-40
°C to +85°C
Output High Voltage
D090
I/O ports (Note 3)
VOH VDD - 0.7 -
-
V
IOH = -3.0mA, VDD = 4.5V,
-40
°C to +85°C
D092
OSC2/CLKOUT (RC osc config)
VDD - 0.7 -
-
V
IOH = -1.3mA, VDD = 4.5V,
-40
°C to +85°C
D130*
Open-Drain High Voltage
VOD
-
-
14
V
RA4 pin
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt trigger input. It is not recommended that the
PIC16C71 be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.
4: PIC16C71 Rev. "Ax" INT pin has a TTL input buffer. PIC16C71 Rev. "Bx" INT pin has a Schmitt Trigger input
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com