Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 31 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 31 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 27Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 28Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 29Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 30Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 31Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 32Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 33Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 34Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 29
PIC16C925/926
4.0
I/O PORTS
Some pins for these ports are multiplexed with an alter-
nate function for the peripheral features on the device.
In general, when a peripheral is enabled, that pin may
not be used as a general purpose I/O pin.
4.1
PORTA and TRISA Register
The RA4/T0CKI pin is a Schmitt Trigger input and an
open drain output. All other RA port pins have TTL
input levels and full CMOS output drivers. All RA pins
have data direction bits (TRISA register), which can
configure these pins as output or input.
Setting a bit in the TRISA register puts the correspond-
ing output driver in a Hi-Impedance mode. Clearing a
bit in the TRISA register puts the contents of the output
latch on the selected pin.
Reading the PORTA register reads the status of the
pins, whereas writing to it will write to the port latch. All
write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, this value is modified, and then written to the port
data latch.
Pin RA4 is multiplexed with the Timer0 module clock
input to become the RA4/T0CKI pin. The other PORTA
pins are multiplexed with analog inputs and the analog
VREF input. The operation of each pin is selected by
clearing/setting the control bits in the ADCON1 register
(A/D Control Register1).
The TRISA register controls the direction of the RA
pins, even when they are being used as analog inputs.
The user must ensure the bits in the TRISA register are
maintained set when using them as analog inputs.
EXAMPLE 4-1:
INITIALIZING PORTA
FIGURE 4-1:
BLOCK DIAGRAM OF
PINS RA3:RA0 AND RA5
FIGURE 4-2:
BLOCK DIAGRAM OF
RA4/T0CKI PIN
Note:
On a Power-on Reset, these pins are con-
figured as analog inputs and read as ’0’.
BCF
STATUS, RP0
; Select Bank0
BCF
STATUS, RP1
CLRF
PORTA
; Initialize PORTA
BSF
STATUS, RP0
; Select Bank1
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISA
; Set RA<3:0> as inputs
; RA<5:4> as outputs
; RA<7:6> are always
; read as ’0’.
Data
Bus
Q
D
Q
CK
Q
D
Q
CK
QD
EN
P
N
WR
Port
WR
TRIS
Data Latch
TRIS Latch
RD
RD Port
VSS
VDD
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
Analog
Input Mode
TTL
Input
Buffer
To A/D Converter
TRIS
Data
Bus
WR
Port
WR
TRIS
RD Port
Data Latch
TRIS Latch
RD
Schmitt
Trigger
Input
Buffer
N
VSS
I/O pin(1)
TMR0 Clock Input
Q
D
Q
CK
Q
D
EN
QD
EN
TRIS
Note 1: I/O pin has protection diodes to VSS only.
CK
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com