Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 96Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 97Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 98Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 99Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 100Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 101Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 102Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 103Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 182 page
background image
PIC16C925/926
DS39544A-page 98
Preliminary
 2001 Microchip Technology Inc.
REGISTER 12-1:
CONFIGURATION WORD (ADDRESS 2007h)
—
—
—
—
—
—
—
BOREN
CP1
CP0
PWRTE
WDTE
F0SC1
F0SC0
bit13
bit0
bit 13-7
Unimplemented
bit 6
BOREN: Brown-out Reset Enable bit
1
= BOR enabled
0
= BOR disabled
bit 5-4
CP1:CP0: Program Memory Code Protection bits
PIC16C926 (8K program memory):
11
= Code protection off
10
= 0000h to 0FFFh code protected (1/2 protected)
01
= 0000h to 1EFFh code protected (all but last 256 protected)
00
= 0000h to 1FFFh code protected (all protected)
PIC16C925 (4K program memory):
11
= Code protection off
10
= 0000h to 07FFh code protected (1/2 protected)
01
= 0000h to 0EFFh code protected (all but last 256 protected)
00
= 0000h to 0FFFh code protected (all protected)
1000h to 1FFFh wraps around to 0000h to 0FFFh
bit 3
PWRTE: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
bit 2
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com