Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 64Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 65Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 66Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 67Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 68Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 69Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 70Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 71Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 182 page
background image
PIC16C925/926
DS39544A-page 66
Preliminary
 2001 Microchip Technology Inc.
9.2.2
ADDRESSING I2C DEVICES
There are two address formats. The simplest is the
7-bit address format with a R/W bit (Figure 9-7). The
more complex is the 10-bit address with a R/W bit
(Figure 9-8). For 10-bit address format, two bytes must
be transmitted with the first five bits specifying this to be
a 10-bit address.
FIGURE 9-7:
7-BIT ADDRESS FORMAT
FIGURE 9-8:
I2C 10-BIT ADDRESS
FORMAT
9.2.3
TRANSFER ACKNOWLEDGE
All data must be transmitted per byte, with no limit to
the number of bytes transmitted per data transfer. After
each byte, the slave-receiver generates an Acknowl-
edge bit (ACK) (see Figure 9-9). When a slave-receiver
doesn’t acknowledge the slave address or received
data, the master must abort the transfer. The slave
must leave SDA high so that the master can generate
the STOP condition (Figure 9-6).
FIGURE 9-9:
SLAVE-RECEIVER
ACKNOWLEDGE
If the master is receiving the data (master-receiver), it
generates an Acknowledge signal for each received
byte of data, except for the last byte. To signal the end
of data to the slave-transmitter, the master does not
generate an Acknowledge (Not Acknowledge). The
slave then releases the SDA line so the master can
generate the STOP condition. The master can also
generate the STOP condition during the Acknowledge
pulse for valid termination of data transfer.
If the slave needs to delay the transmission of the next
byte, holding the SCL line low will force the master into
a wait state. Data transfer continues when the slave
releases the SCL line. This allows the slave to move
the received data, or fetch the data it needs to transfer
before allowing the clock to start. This wait state tech-
nique can also be implemented at the bit level,
Figure 9-10. The slave will inherently stretch the clock
when it is a transmitter, but will not when it is a receiver.
The slave will have to clear the SSPCON<4> bit to
enable clock stretching when it is a receiver.
FIGURE 9-10:
DATA TRANSFER WAIT STATE
S
R/W ACK
Sent by
Slave
Slave Address
S
R/W
Read/Write pulse
MSb
LSb
START Condition
ACK
Acknowledge
S 1 1 1 1 0 A9 A8 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK
Sent by Slave
= 0 for Write
S
R/W
ACK
- START Condition
- Read/Write Pulse
- Acknowledge
S
Data
Output by
Transmitter
Data
Output by
Receiver
SCL from
Master
START
Condition
Clock Pulse for
Acknowledgment
Not Acknowledge
Acknowledge
1
2
8
9
12
7
8
9
1
2
3
• 89
P
SDA
SCL
S
START
Condition
Address
R/W
ACK
Wait
State
Data
ACK
MSB
Acknowledgment
Signal from Receiver
Acknowledgment
Signal from Receiver
Byte Complete
Interrupt with Receiver
Clock Line Held Low while
Interrupts are Serviced
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com