Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 36 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 36 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 32Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 33Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 34Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 35Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 36Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 37Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 38Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 39Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 182 page
background image
PIC16C925/926
DS39544A-page 34
Preliminary
 2001 Microchip Technology Inc.
4.4
PORTD and TRISD Registers
PORTD is an 8-bit port with Schmitt Trigger input buff-
ers. The first five pins are configurable as general pur-
pose I/O pins or LCD segment drivers. Pins RD5, RD6
and RD7 can be digital inputs, or LCD segment, or
common drivers.
TRISD controls the direction of pins RD0 through RD4
when PORTD is configured as a digital port.
EXAMPLE 4-4:
INITIALIZING PORTD
FIGURE 4-6:
PORTD <4:0> BLOCK
DIAGRAM
FIGURE 4-7:
PORTD<7:5> BLOCK
DIAGRAM
Note 1: On a Power-on Reset, these pins are
configured as LCD segment drivers.
2: To configure the pins as a digital port, the
corresponding bits in the LCDSE register
must be cleared. Any bit set in the LCDSE
register overrides any bit settings in the
corresponding TRIS register.
BCF
STATUS,RP0
;Select Bank2
BSF
STATUS,RP1
;
BCF
LCDSE, SE29
;Make RD<7:5> digital
BCF
LCDSE, SE0
;Make RD<4:0> digital
BSF
STATUS,RP0
;Select Bank1
BCF
STATUS,RP1
;
MOVLW 0xE0
;Make RD<4:0> outputs
MOVWF TRISD
;Make RD<7:5> inputs
Data
WR
WR
RD
Data Latch
TRIS Latch
Schmitt
Trigger
Input
Buffer
Q
D
CK
Q
D
CK
EN
Q
D
EN
I/O pin
RD
LCD
LCD
LCD Segment
Segment Data
Output Enable
Port
TRIS
Port
TRIS
SE<n>
Bus
RD Port
Schmitt
Trigger
Input
Buffer
EN
QD
EN
Digital Input/
LCDSE<n>
LCD
LCD Segment
LCD Output pin
LCD
LCD Common
Data Bus
RD TRIS
VDD
Segment Data
Output Enable
Common Data
Output Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com