Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 31Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 32Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 33Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 34Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 35Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 36Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 37Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 38Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 182 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS39544A-page 33
PIC16C925/926
4.3
PORTC and TRISC Register
PORTC is a 6-bit, bi-directional port. Each pin is individ-
ually configurable as an input or output through the
TRISC register. PORTC is multiplexed with several
peripheral functions (Table 4-5). PORTC pins have
Schmitt Trigger input buffers.
When enabling peripheral functions, care should be
taken in defining TRIS bits for each PORTC pin. Some
peripherals override the TRIS bit to make a pin an out-
put, while other peripherals override the TRIS bit to
make a pin an input. Since the TRIS bit override is in
effect
while
the
peripheral
is
enabled,
read-
modify-write instructions (BSF,
BCF,
XORWF
) with
TRISC as destination should be avoided. The user
should refer to the corresponding peripheral section for
the correct TRIS bit settings.
EXAMPLE 4-3:
INITIALIZING PORTC
FIGURE 4-5:
PORTC BLOCK DIAGRAM
(PERIPHERAL OUTPUT
OVERRIDE)
TABLE 4-5:
PORTC FUNCTIONS
TABLE 4-6:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
BCF
STATUS,RP0 ; Select Bank0
BCF
STATUS,RP1
CLRF
PORTC
; Initialize PORTC
BSF
STATUS,RP0 ; Select Bank1
MOVLW
0xCF
; Value used to
; initialize data
; direction
MOVWF
TRISC
; Set RC<3:0> as inputs
; RC<5:4> as outputs
; RC<7:6> always read 0
Data Latch
RBPU(2)
P
VDD
Q
D
CK
Q
D
CK
QD
EN
Data Bus
WR Port
WR TRIS
RD TRIS
RD Port
Weak
Pull-up
RD Port
RB0/INT
I/O
pin(1)
TTL
Input
Buffer
Schmitt Trigger
Buffer
TRIS Latch
Note 1:
I/O pins have diode protection to VDD and VSS.
2:
To enable weak pull-ups, set the appropriate TRIS
bit(s) and clear the RBPU bit (OPTION<7>).
Name
Bit#
Buffer Type
Function
RC0/T1OSO/T1CKI
bit0
ST
Input/output port pin or Timer1 oscillator output or Timer1 clock input.
RC1/T1OSI
bit1
ST
Input/output port pin or Timer1 oscillator input.
RC2/CCP1
bit2
ST
Input/output port pin or Capture input/Compare output/PWM output.
RC3/SCK/SCL
bit3
ST
Input/output port pin or the synchronous serial clock for both SPI and
I2C modes.
RC4/SDI/SDA
bit4
ST
Input/output port pin or the SPI Data In (SPI mode) or data I/O
(I2C mode).
RC5/SDO
bit5
ST
Input/output port pin or Synchronous Serial Port data out.
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
07h
PORTC
RC5
RC4
RC3
RC2
RC1
RC0
--xx xxxx
--uu uuuu
87h
TRISC
PORTC Data Direction Control Register
--11 1111
--11 1111
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by PORTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com