Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 116Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 117Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 118Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 119Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 120Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 121Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 122Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 123Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 182 page
background image
PIC16C925/926
DS39544A-page 118
Preliminary
 2001 Microchip Technology Inc.
BTFSS
Bit Test f, Skip if Set
Syntax:
[ label ] BTFSS f [,b]
Operands:
0
≤ f ≤ 127
0
≤ b < 7
Operation:
skip if (f<b>) = 1
Status Affected:
None
Encoding:
01
11bb
bfff
ffff
Description:
If bit ’b’ in register ’f’ is ’0’, then the
next instruction is executed.
If bit ’b’ is ’1’, then the next instruc-
tion is discarded and a NOP is exe-
cuted instead, making this a 2TCY
instruction.
Words:
1
Cycles:
1(2)
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
data
No
Operation
If Skip:
(2nd Cycle)
Q1
Q2
Q3
Q4
No
Operation
No
Operation
No
Operation
No
Operation
Example
HERE
FALSE
TRUE
BTFSC
GOTO
•
•
•
FLAG,1
PROCESS_CODE
Before Instruction:
PC
=
address HERE
After Instruction:
if FLAG<1> =
0,
PC
=
address FALSE
if FLAG<1> =
1,
PC
=
address TRUE
CALL
Call Subroutine
Syntax:
[ label ] CALL k
Operands:
0
≤ k ≤ 2047
Operation:
(PC)+ 1
→ TOS,
k
→ PC<10:0>,
(PCLATH<4:3>)
→ PC<12:11>
Status Affected:
None
Encoding:
10
0kkk
kkkk
kkkk
Description:
Call Subroutine. First, return
address (PC+1) is pushed onto the
stack. The eleven-bit immediate
address is loaded into PC bits
<10:0>. The upper bits of the PC are
loaded from PCLATH. CALL is a
two-cycle instruction.
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
1st Cycle
Decode
Read
literal ’k’,
Push PC
to Stack
Process
data
Write to
PC
2nd Cycle
No
Operation
No
Operation
No
Operation
No
Operation
Example
HERE
CALL
THERE
Before Instruction:
PC
= Address HERE
After Instruction:
PC
= Address THERE
TOS
= Address HERE+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com