Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/CL Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC16C925-S/CL
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/CL Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC16C925-S/CL Datasheet HTML 166Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 167Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 168Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 169Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 170Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 171Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 172Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 173Page - Microchip Technology PIC16C925-S/CL Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 182 page
background image
PIC16C925/926
DS39544A-page 168
Preliminary
 2001 Microchip Technology Inc.
APPENDIX C:
CONVERSION
CONSIDERATIONS
Considerations for converting to the devices listed in
this data sheet from previous device types are summa-
rized in Table C-1.
TABLE C-1:
CONVERSION
CONSIDERATIONS
Feature
PIC16C923/
924
PIC16C925/
926
Operating
Frequency
DC - 8 MHz
DC - 20 MHz
EPROM Program
Memory (words)
4K
4K (925)
8K (926)
Data Memory
(bytes)
176
176 (925)
336 (926)
A/D Converter
Resolution
8-bit
(924 only)
10-bit
A/D Converter
Channels
none (923)
5 (924)
5
Interrupt Sources
8 (923)
9 (924)
9
Brown-out Reset
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com